Electronic Components Datasheet Search
  English  ▼

X  

FN-9274 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-9274
Description  Versatile Medical Class II EMC/EMI Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-9274 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-9274 Datasheet HTML 1Page - Schaffner International Ltd FN-9274 Datasheet HTML 2Page - Schaffner International Ltd FN-9274 Datasheet HTML 3Page - Schaffner International Ltd FN-9274 Datasheet HTML 4Page - Schaffner International Ltd FN-9274 Datasheet HTML 5Page - Schaffner International Ltd FN-9274 Datasheet HTML 6Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 03 Sep 2020
Filter selection table - classic
Filter
Buy
Rated current
Leakage current
Inductance
Capacitance
Resistor
Input
Output
Weight
@ 40°C
L1
Cx
R
connections
connections
*
[A]
[mA]
[mH]
[µF]
[MΩ]
[g]
FN9274XXB-1-ZZ
1
0.0
41.1
0.22
1
C18
-05
-07
<40
FN9274XXB-2-ZZ
2
0.0
20.1
0.22
1
C18
-05
-07
<40
FN9274XXB-4-ZZ
4
0.0
7.2
0.22
1
C18
-05
-07
<40
FN9274XXB-6-ZZ
6
0.0
3.2
0.22
1
C18
-05
-07
<40
FN9274XXB-10-ZZ
10
0.0
1.3
0.22
1
C18
-05
-07
<40
FN9274XXB-15-ZZ
15
0.0
0.4
0.22
1
C18
-05
-07
<40
Test conditions: Temperature: 25°C±2°C; measuring frequency for inductance: 1 kHz, 50 mV
Tolerances: Inductance: +50%, -30%; capacitance: ±20%; resistance: ±10%. For mechanical tolerances, please refer to the mechanical data section
* Standard length is 160 mm
Product selector
For example FN9274MB-15-05:
- FN9274 IEC inlet with
- rear mount flanges (M),
- 15A rated current (15) and
- fast-on terminals (05).
Design-in recommendation:
- EMC and functional test with FN9274B-XX-05 (safety
stock all currents - front mount, fast-on types)
- Mechanical integration with FN9274XXB-15-ZZ
(safety stock for all variants - 15A-types)
Typical filter attenuation
Per CISPR 17 / symmetrical 50 Ω/50 Ω - Differential Mode (DM) / asymmetrical 50 Ω/50 Ω - Common Mode (CM)
1 A
2 A
4 A
6 A
10 A
15 A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com