Electronic Components Datasheet Search
  English  ▼

X  

LR3D01 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR3D01
Description  TeSys LRD thermal overload relays - 0.1...0.16 A - class 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D01 Datasheet(HTML) 1 Page - Schneider Electric

  LR3D01 Datasheet HTML 1Page - Schneider Electric LR3D01 Datasheet HTML 2Page - Schneider Electric LR3D01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
LR3D01
TeSys LRD thermal overload relays - 0.1...0.16 A
- class 10A
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 60.00 USD
Main
Range
TeSys
Product name
TeSys LRD
Product or component type
Non differential thermal overload relay
Device short name
LR3D
Relay application
Motor protection
Product compatibility
LC1D12
LC1D25
LC1D09
LC1D38
LC1D18
LC1D32
Network type
AC
DC
Thermal overload class
Class 10A IEC 60947-4-1
Thermal protection adjustment range
0.1…0.16 A
[Ui] rated insulation voltage
Power circuit 600 V CSA
Power circuit 600 V UL
Power circuit 690 V IEC 60947-4-1
Complementary
Network frequency
0...400 Hz
Mounting support
Plate, with specific accessories
Rail, with specific accessories
Under contactor
Tripping threshold
1.14 +/- 0.06 Ir IEC 60947-4-1
Auxiliary contact composition
1 NO + 1 NC
[Ith] conventional free air thermal
current
5 A signalling circuit
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 24, 2020
1


Similar Part No. - LR3D01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D01 SCHNEIDER-LR3D01 Datasheet
193Kb / 3P
TeSys Deca thermal overload relays - 0.1...0.16 A - class 10A
May 30, 2022
LR3D01 SCHNEIDER-LR3D01_V01 Datasheet
193Kb / 3P
TeSys Deca thermal overload relays - 0.1...0.16 A - class 10A
May 30, 2022
More results

Similar Description - LR3D01

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D02 SCHNEIDER-LR3D02 Datasheet
180Kb / 3P
TeSys LRD thermal overload relays - 0.16...0.25 A - class 10A
Dec 24, 2020
LR3D03 SCHNEIDER-LR3D03 Datasheet
180Kb / 3P
TeSys LRD thermal overload relays - 0.25...0.4 A - class 10A
Dec 24, 2020
LR3D35 SCHNEIDER-LR3D35 Datasheet
171Kb / 3P
TeSys LRD thermal overload relays - 30...38 A - class 10A
Dec 24, 2020
LR3D036 SCHNEIDER-LR3D036 Datasheet
180Kb / 3P
TeSys LRD thermal overload relays - 0.25...0.4 A - class 10A
Dec 24, 2020
LRD01 SCHNEIDER-LRD01 Datasheet
186Kb / 3P
TeSys LRD thermal overload relays - 0.1...0.16 A - class 10A
Dec 24, 2020
LRD02 SCHNEIDER-LRD02 Datasheet
186Kb / 3P
TeSys LRD thermal overload relays - 0.16...0.25 A - class 10A
Dec 24, 2020
LRD01 SCHNEIDER-LRD01_V01 Datasheet
116Kb / 3P
TeSys Deca thermal overload relays - 0.1...0.16 A - class 10A
May 25, 2022
LRD02 SCHNEIDER-LRD02_V01 Datasheet
116Kb / 3P
TeSys Deca thermal overload relays - 0.16...0.25 A - class 10A
May 25, 2022
LR3D01 SCHNEIDER-LR3D01_V01 Datasheet
193Kb / 3P
TeSys Deca thermal overload relays - 0.1...0.16 A - class 10A
May 30, 2022
LR3D02 SCHNEIDER-LR3D02_V01 Datasheet
193Kb / 3P
TeSys Deca thermal overload relays - 0.16...0.25 A - class 10A
May 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com