Electronic Components Datasheet Search
  English  ▼

X  

REF70 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF70
Description  REF70 Ultra-High-Precision Voltage Reference with Low Noise and Low Drift
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF70_V01 Datasheet HTML 6Page - Texas Instruments REF70_V01 Datasheet HTML 7Page - Texas Instruments REF70_V01 Datasheet HTML 8Page - Texas Instruments REF70_V01 Datasheet HTML 9Page - Texas Instruments REF70_V01 Datasheet HTML 10Page - Texas Instruments REF70_V01 Datasheet HTML 11Page - Texas Instruments REF70_V01 Datasheet HTML 12Page - Texas Instruments REF70_V01 Datasheet HTML 13Page - Texas Instruments REF70_V01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8.2 Long-Term Stability
One of the key parameters of the REF70 references is long-term stability. Typical characteristic expressed as:
curves shows the typical drift value for the REF70 VOUT FKH is 18 ppm from 0 to 250 hours. It is important to
understand that long-term stability is not ensured by design and that the output from the device may shift beyond
the typical 18 ppm specification at any time. For systems that require highly stable output voltages over long
periods of time, the designer should consider burning in the devices prior to use to minimize the amount of
output drift exhibited by the reference over time.
Time (Hr)
0
50
100
150
200
250
-40
-30
-20
-10
0
10
Figure 8-2. Long Term Stability FKH -250 hours (VOUT)
8.3 Thermal Hysteresis
Thermal hysteresis is measured with the REF70 soldered to a PCB, similar to a real-world application. Thermal
hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling
the device through the specified temperature range, and returning to 25°C. The PCB was baked at 150°C for 30
minutes before thermal hysteresis was measured. Hysteresis can be expressed by Equation 1:
6
PRE
POST
HYST
NOM
| V
V
|
V
10
ppm
V
§
·
u
¨
¸
©
¹
(1)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range of –40°C to +125°C and returns to 25°C.
8.4 Power Dissipation
The REF70 voltage references are capable of source and sink up to 10 mA of load current across the rated input
voltage range. However, when used in applications subject to high ambient temperatures, the input voltage and
load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 2:
J
A
D
JA
T
T
P
R
T
u
(2)
where
• PD is the device power dissipation
• TJ is the device junction temperature
• TA is the ambient temperature
• RθJA is the package (junction-to-air) thermal resistance
REF70
SNAS781 – OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com