Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS74DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS74DR
Description  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS74DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS74DR Datasheet HTML 1Page - Texas Instruments SN74HCS74DR Datasheet HTML 2Page - Texas Instruments SN74HCS74DR Datasheet HTML 3Page - Texas Instruments SN74HCS74DR Datasheet HTML 4Page - Texas Instruments SN74HCS74DR Datasheet HTML 5Page - Texas Instruments SN74HCS74DR Datasheet HTML 6Page - Texas Instruments SN74HCS74DR Datasheet HTML 7Page - Texas Instruments SN74HCS74DR Datasheet HTML 8Page - Texas Instruments SN74HCS74DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops
With Clear and Preset
1 Features
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
• Extended ambient temperature range: –40°C to
+125°C, TA
2 Applications
• Convert a momentary switch to a toggle switch
• Hold a signal during controller reset
• Input slow edge-rate signals
• Operate in noisy environments
• Divide a clock signal by two
3 Description
The device contains two independent D-type positive-
edge-triggered flip-flops. All inputs include Schmitt
triggers, allowing for slow or noisy input signals. A low
level at the preset ( PRE) input sets the output high. A
low level at the clear ( CLR) input resets the output
low. Preset and clear functions are asynchronous and
not dependent on the levels of the other inputs. When
PRE and CLR are inactive (high), data at the data (D)
input meeting the setup time requirements is
transferred to the outputs (Q, Q) on the positive-going
edge of the clock (CLK) pulse. Clock triggering occurs
at a voltage level and is not directly related to the rise
time of the input clock (CLK) signal. Following the
hold-time interval, data at the data (D) input can be
changed without affecting the levels at the outputs (Q,
Q).
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS74PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HCS74D
SOIC (14)
8.70 mm × 3.90 mm
SN74HCS74BQA(2)
WQFN (14)
3.00 mm × 2.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This device is in Preview.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS74
SCLS782B – NOVEMBER 2019 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS74
SN74HCS74
SCLS782B – NOVEMBER 2019 – REVISED NOVEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN74HCS74DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS74DR TI1-SN74HCS74DR Datasheet
1Mb / 24P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74DR TI-SN74HCS74DR Datasheet
2Mb / 32P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
More results

Similar Description - SN74HCS74DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74HCS74-Q1 TI1-SN74HCS74-Q1 Datasheet
326Kb / 19P
Automotive Qualified Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI1-SN74HCS74-Q1_V01 Datasheet
410Kb / 22P
SN74HCS74-Q1 Automotive Qualified Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74 Datasheet
373Kb / 20P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI1-SN74HCS72 Datasheet
384Kb / 19P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74 TI1-SN74HCS74_V01 Datasheet
1Mb / 24P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS72 TI1-SN74HCS72_V01 Datasheet
1,010Kb / 23P
SN74HCS72 Schmitt-Trigger Input Dual D-Type Negative-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V02 Datasheet
1Mb / 25P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
SN74HCS74-Q1 TI-SN74HCS74-Q1_V03 Datasheet
2Mb / 32P
SN74HCS74-Q1 Automotive Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
SN74HCS74 TI-SN74HCS74_V03 Datasheet
2Mb / 32P
SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com