Electronic Components Datasheet Search
  English  ▼

X  

TL081ACD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL081ACD
Description  TL08xx FET-Input Operational Amplifiers
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL081ACD Datasheet(HTML) 1 Page - Texas Instruments

  TL081ACD Datasheet HTML 1Page - Texas Instruments TL081ACD Datasheet HTML 2Page - Texas Instruments TL081ACD Datasheet HTML 3Page - Texas Instruments TL081ACD Datasheet HTML 4Page - Texas Instruments TL081ACD Datasheet HTML 5Page - Texas Instruments TL081ACD Datasheet HTML 6Page - Texas Instruments TL081ACD Datasheet HTML 7Page - Texas Instruments TL081ACD Datasheet HTML 8Page - Texas Instruments TL081ACD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
TL08xx FET-Input Operational Amplifiers
1 Features
• High slew rate: 20 V/μs (TL08xH, typ)
• Low offset voltage: 1 mV (TL08xH, typ)
• Low offset voltage drift: 2 μV/°C
• Low power consumption: 940 μA/ch (TL08xH, typ)
• Wide common-mode and differential
voltage ranges
– Common-mode input voltage range
includes VCC+
• Low input bias and offset currents
• Low noise:
Vn = 18 nV/√ Hz (typ) at f = 1 kHz
• Output short-circuit protection
• Low total harmonic distortion: 0.003% (typ)
• Wide supply voltage:
±2.25 V to ±20 V, 4.5 V to 40 V
2 Applications
• Solar energy: string and central inverter
• Motor drives: AC and servo drive control and
power stage modules
• Single phase online UPS
• Three phase UPS
• Pro audio mixers
• Battery test equipment
3 Description
The TL08xH (TL081H, TL082H, and TL084H) family
of devices are the next-generation versions of the
industry-standard TL08x (TL081, TL082, and TL084)
devices. These devices provide outstanding value for
cost-sensitive applications, with features including low
offset (1 mV, typical), high slew rate (20 V/μs), and
common-mode input to the positive supply. High ESD
(1.5 kV, HBM), integrated EMI and RF filters, and
operation across the full –40°C to 125°C enable the
TL08xH devices to be used in the most rugged and
demanding applications.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TL081x
PDIP (8)
9.59 mm × 6.35 mm
SC70 (5)
2.00 mm × 1.25 mm
SO (8)
6.20 mm × 5.30 mm
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (5)
1.60 mm × 1.20 mm
TL082x
PDIP (8)
9.59 mm × 6.35 mm
SO (8)
6.20 mm × 5.30 mm
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
2.90 mm × 1.60 mm
TSSOP (8)
4.40 mm × 3.00 mm
VSSOP (8)
3.00 mm × 3.00 mm
TL082M
CDIP (8)
9.59 mm × 6.67 mm
LCCC (20)
8.89 mm × 8.89 mm
TL084x
PDIP (14)
19.30 mm × 6.35 mm
SO (14)
10.30 mm × 5.30 mm
SOIC (14)
8.65 mm × 3.91 mm
SOT-23 (14)
4.20 mm × 2.00 mm
TSSOP (14)
5.00 mm × 4.40 mm
TL084M
CDIP (14)
19.56 mm × 6.92 mm
LCCC (20)
8.89 mm × 8.89 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
+
−
+
−
OFFSET N1
IN +
IN −
OUT
IN +
IN −
OUT
TL082 (EACH AMPLIFIER)
TL084 (EACH AMPLIFIER)
TL081
OFFSET N2
Logic Symbols
www.ti.com
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B TL084H
TL081, TL081A, TL081B
TL082, TL082A, TL082B, TL084, TL084A, TL084B, TL084H
SLOS081J – FEBRUARY 1977 – REVISED NOVEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL081ACD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081ACD STMICROELECTRONICS-TL081ACD Datasheet
91Kb / 9P
GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Dec-1998
logo
Texas Instruments
TL081ACD TI-TL081ACD Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081ACD TI-TL081ACD Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081ACD TI-TL081ACD Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081ACD TI-TL081ACD Datasheet
836Kb / 33P
JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL081ACD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132 Datasheet
998Kb / 7P
High Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
Burr-Brown (TI)
OPA2132 BURR-BROWN-OPA2132 Datasheet
521Kb / 13P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA07A ETC-PA07A Datasheet
64Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA07 APEX-PA07 Datasheet
247Kb / 4P
FET INPUT POWER OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA132 BURR-BROWN-OPA132_04 Datasheet
576Kb / 14P
High-Speed FET-INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA132 TI1-OPA132 Datasheet
1Mb / 30P
High-Speed FET-Input Operational Amplifiers
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_V02 Datasheet
4Mb / 70P
TL08xx FET-Input Operational Amplifiers
TL081 TI-TL081_V03 Datasheet
5Mb / 75P
TL08xx FET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com