Electronic Components Datasheet Search
  English  ▼

X  

2SA2004 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA2004
Description  Silicon PNP epitaxial planer type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA2004 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA2004 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
1
2SA2004
Silicon PNP epitaxial planer type
For power amplification
I Features
• High forward current transfer ratio h
FE
• Satisfactory linearity of forward current transfer ratio h
FE
• Dielectric breakdown voltage of the package: > 5 kV
• High-speed switching
I Absolute Maximum Ratings T
C = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
−60
V
Collector to emitter voltage
VCEO
−60
V
Emitter to base voltage
VEBO
−5V
Peak collector current
ICP
−16
A
Collector current
IC
−8A
Collector power
TC
= 25°CP
C
20
W
dissipation
Ta = 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Electrical Characteristics T
C = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= −60 V, I
E
= 0
−100
µA
ICEO
VCE
= −60 V, I
E
= 0
−100
µA
Collector to emitter voltage
VCEO
IC = −10 mA, IB = 0
−60
V
Forward current transfer ratio
hFE1
VCE
= −2 V, I
C
= − 0.1 A
100
230
hFE2
VCE
= −2 V, I
C
= −5 A
30
Collector to emitter saturation voltage
VCE(sat)
IC = −5 A, IB = − 0.25 A
−1.2
V
Base to emitter saturation voltage
VBE(sat)
IC
= −5 A, I
C
= − 0.25 A
−1.7
V
Turn-on time
ton
IC
= −4 A, I
B1
= −400 mA
0.2
0.5
µs
Storage time
tstg
IB2 = 400 mA, VCC = 50 V
0.1
0.15
µs
Fall time
tf
0.5
1.0
µs
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3
1: Base
2: Collector
3: Emitter
TO-220D Package


Similar Part No. - 2SA2004

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2004 ISC-2SA2004 Datasheet
268Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SA2004

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com