Electronic Components Datasheet Search
  English  ▼

X  

IMIC9714 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IMIC9714
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IMIC9714 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IMIC9714 Datasheet HTML 4Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 5Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 6Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 7Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 8Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 9Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 10Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 11Page - List of Unclassifed Manufacturers IMIC9714 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 9 of 13
Buffer Characteristics for 48M, 48-24M and REF Outputs
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-29
-
-
mA
Vout = 1.0 V
Pull-Up Current Max
IOHmax
-
-
-23
mA
Vout = 3.135 V
Pull-Down Current Min
IOLmin
29
-
-
mA
Vout = 1.95 V
Pull-Down Current Max
IOLmax
-
-
27
mA
Vout = 0.4 V
Rise Time
Between 0.4 V and 2.4 V
TR
0.5
-
2.0
nS
20 pF Load
Fall Time
Between 0.4 V and 2.4 V
TF
0.5
-
2.0
nS
20 pF Load
VDD = VDDP= VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0ºC to +70ºC
Buffer Characteristics for PCI_F, PCI (1:5)
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-33
-
-
mA
Vout = 1.0 V
Pull-Up Current Max
IOHmax
-
-
-33
mA
Vout = 3.135 V
Pull-Down Current Min
IOLmin
30
-
-
mA
Vout = 1.95 V
Pull-Down Current Max
IOLmax
-
-
38
mA
Vout = 0.4 V
Rise Time
Between 0.4 V and 2.4 V
TR
0.5
-
2.0
nS
30 pF Load
Fall Time
Between 0.4 V and 2.4 V
TF
0.5
-
2.0
nS
30 pF Load
VDDP= VDDR =3.3V
±5%, VDDC = 2.5V ±5%,, TA = 0ºC to +70ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com