Electronic Components Datasheet Search
  English  ▼

X  

C9714AT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # C9714AT
Description  100 MHz Clock Generator with SSCG and Power Management for Mobile Application
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

C9714AT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  C9714AT Datasheet HTML 1Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 2Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 3Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 4Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 5Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 6Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 7Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 8Page - List of Unclassifed Manufacturers C9714AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
C9714
100 MHz Clock Generator with SSCG and Power Management for Mobile Application
Approved Product
INTERNATIONAL MICROCIRCUITS, INC. 525 LOS COCHES ST.
Rev. 2.0
5/17/2000
MILPITAS, CA 95035 TEL: 408-263-6300 ext. 275 FAX 408-263-6571
Page 4 of 13
Power Management Timing
CPU
CS#
CPU STOP TIMING
CPU
PCI
REF
48M
PD#
POWER DOWN TIMING
PCI
PS#
PCI STOP TIMING
The power down selection is used to put the part into a very low power state without turning off the power to the part.
PD# is an asynchronous active low input. This signal needs to be synchronized internal to the device prior to powering
down the clock synthesizer. PD# is an asynchronous function for powering up the system. Internal clocks are not running
after the device is put in power down. When PD# is active low, all clocks need to be driven to a low value and held prior
to turning off the VCO’s and the Crystal. The power-up latency needs to be less than 3 mS. The power down latency
should be as short as possible but conforming to the sequence requirements shown below. AS# and CS# are
considered to be don’t cares during the power down operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com