Electronic Components Datasheet Search
  English  ▼

X  

LR3D21 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR3D21
Description  TeSys LRD thermal overload relays - 12...18 A - class 10A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR3D21 Datasheet(HTML) 1 Page - Schneider Electric

  LR3D21 Datasheet HTML 1Page - Schneider Electric LR3D21 Datasheet HTML 2Page - Schneider Electric LR3D21 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
LR3D21
TeSys LRD thermal overload relays - 12...18 A -
class 10A
Product availability : Stock - Normally stocked in distribution facility
Price* : 62.00 USD
Main
Range
TeSys
Product name
TeSys LRD
Product or component type
Non differential thermal overload relay
Device short name
LR3D
Relay application
Motor protection
Product compatibility
LC1D18
LC1D32
LC1D25
LC1D38
Network type
DC
AC
Thermal overload class
Class 10A IEC 60947-4-1
Thermal protection adjustment range
12…18 A
[Ui] rated insulation voltage
Power circuit 600 V CSA
Power circuit 600 V UL
Power circuit 690 V IEC 60947-4-1
Complementary
Network frequency
0...400 Hz
Mounting support
Plate, with specific accessories
Rail, with specific accessories
Under contactor
Tripping threshold
1.14 +/- 0.06 Ir IEC 60947-4-1
Auxiliary contact composition
1 NO + 1 NC
[Ith] conventional free air thermal
current
5 A signalling circuit
Permissible current
1.5 A 240 V AC-15 signalling circuit
0.1 A 250 V DC-13 signalling circuit
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Dec 24, 2020
1


Similar Part No. - LR3D21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D21 SCHNEIDER-LR3D21 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 12...18 A - class 10A
May 25, 2022
LR3D216 SCHNEIDER-LR3D216 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LR3D216 SCHNEIDER-LR3D216 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 12...18 A - class 10A
May 30, 2022
LR3D216 SCHNEIDER-LR3D216_V01 Datasheet
194Kb / 3P
TeSys Deca thermal overload relays - 12...18 A - class 10A
May 30, 2022
LR3D21L SCHNEIDER-LR3D21L Datasheet
141Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 20
Dec 24, 2020
More results

Similar Description - LR3D21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LR3D21L6 SCHNEIDER-LR3D21L6 Datasheet
131Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 20
Dec 24, 2020
LR3D216 SCHNEIDER-LR3D216 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LR3D3183 SCHNEIDER-LR3D3183 Datasheet
136Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD213 SCHNEIDER-LRD213 Datasheet
145Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD216 SCHNEIDER-LRD216 Datasheet
181Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD318 SCHNEIDER-LRD318 Datasheet
159Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD3183 SCHNEIDER-LRD3183 Datasheet
144Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD3186 SCHNEIDER-LRD3186 Datasheet
131Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 10A
Dec 24, 2020
LRD21L SCHNEIDER-LRD21L Datasheet
139Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 20
Dec 24, 2020
LRD21L6 SCHNEIDER-LRD21L6 Datasheet
130Kb / 3P
TeSys LRD thermal overload relays - 12...18 A - class 20
Dec 24, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com