Electronic Components Datasheet Search
  English  ▼

X  

2SA683 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA683
Description  Silicon PNP epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA683 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA683 Datasheet HTML 1Page - Panasonic Semiconductor 2SA683 Datasheet HTML 2Page - Panasonic Semiconductor 2SA683 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SA683, 2SA684
Silicon PNP epitaxial planer type
For low-frequency power amplification and driver amplification
Complementary to 2SC1383 and 2SC1384
s Features
q
Complementary pair with 2SC1383 and 2SC1384.
q
Allowing supply with the radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
EIAJ:SC–51
TO–92L Package
5.9
±0.2
2.54
±0.15
0.7
±0.1
4.9
±0.2
0.45
+0.2
–0.1
1.27
1.27
0.45
+0.2
–0.1
13
2
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–30
–60
–25
–50
–5
–1.5
–1
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
2SA683
2SA684
2SA683
2SA684
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base
voltage
Collector to emitter
voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE1
*
hFE2
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
IC = –10µA, IE = 0
IC = –2mA, IB = 0
IE = –10µA, IC = 0
VCE = –10V, IC = –500mA
VCE = –5V, IC = –1A
IC = –500mA, IB = –50mA
IC = –500mA, IB = –50mA
VCB = –10V, IE = 50mA, f = 200MHz
VCB = –10V, IE = 0, f = 1MHz
min
–30
–60
–25
–50
–5
85
50
typ
– 0.2
– 0.85
200
20
max
– 0.1
340
– 0.4
–1.2
30
Unit
µA
V
V
V
V
V
MHz
pF
2SA683
2SA684
2SA683
2SA684
*h
FE1 Rank classification
Rank
Q
R
S
hFE1
85 ~ 170
120 ~ 240
170 ~ 340


Similar Part No. - 2SA683

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA683 PANASONIC-2SA683 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
List of Unclassifed Man...
2SA683 ETC-2SA683 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
SEMTECH ELECTRONICS LTD...
2SA683 SEMTECH_ELEC-2SA683 Datasheet
133Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Foshan Blue Rocket Elec...
2SA683 FOSHAN-2SA683 Datasheet
783Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
logo
Jiangsu Changjiang Elec...
2SA683 JIANGSU-2SA683 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
More results

Similar Description - 2SA683

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1254 PANASONIC-2SA1254 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1512 PANASONIC-2SA1512 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SA1531 PANASONIC-2SA1531 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type
2SA1534 PANASONIC-2SA1534 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA1739 PANASONIC-2SA1739 Datasheet
40Kb / 2P
Silicon PNP epitaxial planer type
2SA1982 PANASONIC-2SA1982 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC5609 PANASONIC-2SC5609 Datasheet
45Kb / 1P
Silicon PNP epitaxial planer type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com