Electronic Components Datasheet Search
  English  ▼

X  

AM4512C Datasheet(PDF) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AM4512C
Description  N-Channel and P-Channel MOSFET use advanced trench Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4512C Datasheet(HTML) 4 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4512C Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4512C Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.doingter.cn
—
4 —
tf
Fall Time
---
9.5
---
ns
Qg
Total Gate Charge
VGS=-10V, VDS=-15V,
ID=-6A
---
18.5
---
nC
---
9.6
---
Qgs
Gate-Source
Charge
---
2.7
---
nC
Qgd
Gate-Drain “Miller” Charge
---
4.5
---
nC
Drain-Source Diode Characteristics
Qrr
Reverse Recovery Charge
---
8.8
---
NC
Trr
20
N-Typical Characteristics: (T
C=25℃ unless otherwise noted)
nC
---
---
IF=-6A
dI/dt=100A/μs
IF=-6A
dI/dt=100A/μs
Body Diode Reverse Recovery
Time
Notes:
A:The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C. The value in any a given application depends on the user's
specific board design. The current rating is based on the t ≤ 10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C.The R θJA is the sum of the thermal impedance from junction to lead R θJL and lead to ambient.
D.The static characteristics in Figures 1 to 6,12,14 are obtained using 80 μs pulses, duty cycle 0.5%
max.
E.These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The SOA curve provides a single pulse rating.
AM 4512C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com