Electronic Components Datasheet Search
  English  ▼

X  

AM4542C Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # AM4542C
Description  N-Channel and P-Channel MOSFET use advanced trench Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

AM4542C Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  AM4542C Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 6Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 7Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. AM4542C Datasheet HTML 8Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
—
1 —
Description:
This N-Chanel and P-Channel MOSFET use advanced trench technology
to provide excellent RDS(ON), low gate charge. This device may be used
to form a level shifted high side switch, and for a host of other application.
Features:
N-Channel:
VDS=40V,ID=8 A,RDS(ON)< mΩ@VGS=10V
P-Channel:
VDS=-40V,ID=-7 A,RDS(ON)< mΩ@VGS=-10V
1) High Power and current handing capability.
2) Lead free product is acquired.
3) Surface Mount Package.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
N-Channel
P-Channel
Units
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±20
±20
V
ID
Drain Current-Continuous
8
-7
A
IDM (pluse)
Drain Current-Continuous@ Current-Pulsed
1
40
-30
PD
Power Dissipation
2
2
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
-55 to +150
℃
Thermal Characteristics:
Channel
Symbol
Parameter
Max
Units
N
RƟJA
Thermal Resistance,Junction to Ambient
62.5
℃/W
P
RƟJA
Thermal Resistance,Junction to Ambient
62.5
G2
D1
D1
D2
D2
S1
G1
S2
www.doingter.cn
2
2
19
35
AM4542C


Similar Part No. - AM4542C

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
P & N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4542C-T1-PF VBSEMI-AM4542C-T1-PF Datasheet
1Mb / 14P
N- and P-Channel 40V (D-S) MOSFET
More results

Similar Description - AM4542C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM4512C DOINGTER-AM4512C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
AM4520H DOINGTER-AM4520H Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
AM4530C DOINGTER-AM4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
AP4539GM-HF DOINGTER-AP4539GM-HF Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET use advanced trench Technology
AP5521GM-HF DOINGTER-AP5521GM-HF Datasheet
2Mb / 7P
N-Channel and P-Channel MOSFET use advanced trench Technology
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench technology
SPC4527 DOINGTER-SPC4527 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
SPC4539 DOINGTER-SPC4539 Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench Technology
SSG4510 DOINGTER-SSG4510 Datasheet
2Mb / 7P
N-Channel and P-Channel MOSFET use advanced trench Technology
SSG4530C DOINGTER-SSG4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com