Electronic Components Datasheet Search
  English  ▼

X  

1817136 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1817136
Description  Printed-circuit board connector - MC 1,5/11-ST-3,81-LR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1817136 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1817136 Datasheet HTML 1Page - PHOENIX CONTACT 1817136 Datasheet HTML 2Page - PHOENIX CONTACT 1817136 Datasheet HTML 3Page - PHOENIX CONTACT 1817136 Datasheet HTML 4Page - PHOENIX CONTACT 1817136 Datasheet HTML 5Page - PHOENIX CONTACT 1817136 Datasheet HTML 6Page - PHOENIX CONTACT 1817136 Datasheet HTML 7Page - PHOENIX CONTACT 1817136 Datasheet HTML 8Page - PHOENIX CONTACT 1817136 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1817136
06/30/2020   Page 1 / 9
Printed-circuit board connector - MC 1,5/11-ST-3,81-LR - 1817136
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 11, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, color: green, contact
surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356754255
Technical data
Item properties
Brief article description
Printed-circuit board connector
Plug-in system
MINI COMBICON
Type of contact
Female connector
Range of articles
MC 1,5/..-ST-LR
Pitch
3.81 mm
Number of positions
11
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted (L)
Screw thread
M2
Locking
Lock & Release ejector lever
Number of levels
1
Number of connections
11


Similar Part No. - 1817136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817107 PHOENIX-1817107 Datasheet
128Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81-LR
1817110 PHOENIX-1817110 Datasheet
552Kb / 14P
MC 1,5/ 9-ST-3,81-LR - PCB connector
1817123 PHOENIX-1817123 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/10-ST-3,81-LR
1817152 PHOENIX-1817152 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/13-ST-3,81-LR
1817178 PHOENIX-1817178 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/15-ST-3,81-LR
More results

Similar Description - 1817136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1817152 PHOENIX-1817152 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/13-ST-3,81-LR
1817178 PHOENIX-1817178 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/15-ST-3,81-LR
1816946 PHOENIX-1816946 Datasheet
126Kb / 9P
Printed-circuit board connector - MC 1,5/11-ST-3,5-LR
1817123 PHOENIX-1817123 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/10-ST-3,81-LR
1817042 PHOENIX-1817042 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/ 2-ST-3,81-LR
1817055 PHOENIX-1817055 Datasheet
133Kb / 9P
Printed-circuit board connector - MC 1,5/ 3-ST-3,81-LR
1817068 PHOENIX-1817068 Datasheet
132Kb / 9P
Printed-circuit board connector - MC 1,5/ 4-ST-3,81-LR
1817084 PHOENIX-1817084 Datasheet
128Kb / 9P
Printed-circuit board connector - MC 1,5/ 6-ST-3,81-LR
1817107 PHOENIX-1817107 Datasheet
128Kb / 9P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81-LR
1817893 PHOENIX-1817893 Datasheet
100Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81-LR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com