Electronic Components Datasheet Search
  English  ▼

X  

LC1D09GD Datasheet(PDF) 2 Page - Schneider Electric

Part # LC1D09GD
Description  TeSys D IEC contactor, 9 A, 3 P, 5 HP at 480 VAC, nonreversing, 125 VDC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D09GD Datasheet(HTML) 2 Page - Schneider Electric

  LC1D09GD Datasheet HTML 1Page - Schneider Electric LC1D09GD Datasheet HTML 2Page - Schneider Electric LC1D09GD Datasheet HTML 3Page - Schneider Electric LC1D09GD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[Uimp] rated impulse withstand voltage
6 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free air thermal
current
25 A 140 °F (60 °C) power circuit
10 A (at 60 °C) for signalling circuit
Irms rated making capacity
250 A 440 V power circuit IEC 60947
140 A AC for signalling circuit conforming to IEC 60947-5-1
250 A DC for signalling circuit conforming to IEC 60947-5-1
Rated breaking capacity
250 A 440 V power circuit IEC 60947
[Icw] rated short-time withstand current
105 A 104 °F (40 °C) - 10 s power circuit
210 A 104 °F (40 °C) - 1 s power circuit
30 A 104 °F (40 °C) - 10 min power circuit
61 A 104 °F (40 °C) - 1 min power circuit
100 A - 1 s for signalling circuit
120 A - 500 ms for signalling circuit
140 A - 100 ms for signalling circuit
Associated fuse rating
10 A gG for signalling circuit conforming to IEC 60947-5-1
25 A gG <= 690 V type 1 power circuit
20 A gG <= 690 V type 2 power circuit
Average impedance
2.5 mOhm - Ith 25 A 50 Hz power circuit
[Ui] rated insulation voltage
Power circuit: 690 V conforming to IEC 60947-4-1
Power circuit 600 V CSA
Power circuit 600 V UL
Signalling circuit: 690 V conforming to IEC 60947-1
Signalling circuit 600 V CSA
Signalling circuit 600 V UL
Electrical durability
0.6 Mcycles 25 A AC-1 <= 440 V
2 Mcycles 9 A AC-3 <= 440 V
Power dissipation per pole
1.56 W AC-1
0.2 W AC-3
Front cover
With
Mounting support
Plate
Rail
Standards
CSA C22.2 No 14
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
Product certifications
UL
GL
BV
LROS (Lloyds register of shipping)
CCC
DNV
RINA
CSA
GOST
Connections - terminals
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)flexible without cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)flexible without cable end
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)flexible with cable end
Power circuit screw clamp terminals 2 0.00…0.00 in² (1…2.5 mm²)flexible with cable end
Power circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)solid without cable end
Power circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)solid without cable end
Control circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)flexible without cable end
Control circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)flexible without cable end
Control circuit: screw clamp terminals 1 cable(s) 1…4 mm²flexible with cable end
Control circuit: screw clamp terminals 2 cable(s) 1…2.5 mm²flexible with cable end
Control circuit screw clamp terminals 1 0.00…0.01 in² (1…4 mm²)solid without cable end
Control circuit screw clamp terminals 2 0.00…0.01 in² (1…4 mm²)solid without cable end
Tightening torque
Power circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals flat Ø 6 mm
Power circuit 15.05 lbf.in (1.7 N.m) screw clamp terminals Philips No 2
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver flat Ø 6 mm
Control circuit: 1.7 N.m - on screw clamp terminals - with screwdriver Philips No 2
Operating time
53.55...72.45 ms closing
16...24 ms opening
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO 13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO 13849-1
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com