Electronic Components Datasheet Search
  English  ▼

X  

D221 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D221
Description  Single & Dual Output Miniature, 2W SIP DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D221 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D221 Datasheet HTML 1Page - List of Unclassifed Manufacturers D221 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes: All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the
side of the unit
For 5V, 12V & 24V input models, “W” = 0.24 in
(6.0 mm)
For 48V input models, “W” = 0.28 in (7.2 mm)
Notes:
1. Output load regulation is specified for a load change of 20% to 100%.
2. When measuring output ripple, it is recommended that an external ceramic capacitor (approx 10 µF)
be placed from the +Vout pin to the -Vout pin for single output units and from each output to common
for dual output units.
3. All 3.3, 5 and ±5 VDC output models may be operated to +85ºC ambient with an unobstructed airflow
of 3.6 ft/S (1.1 m/S).
4. The 5V, 12V and 24V input units do not require external components to operate, but the use of an
input capacitor (10 µF) may enhance performance in some applications. An output capacitor (1.0 µF
to 10 µF) may be used to reduce ripple. The 48V input models require an input capacitor of 4.7 uF to
47 uF (dependent upon the application).
5. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the
load across the positive (+Vout) and negative (-Vout) outputs and float the output common.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the table above
for the correct rating.
Derating Curve
MicroPower Direct
www.micropowerdirect.com
232 Tosca Drive Stoughton, MA 02072
■
TEL: (781) 344-8226
■
FAX: (781) 344-8481
■
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Pin Connections
Single Output
(μF Max)
470
Dual Output
(μF Max)
±390
Capacitive
Load
Model
Number
Input
Output
Load
Regulation
(%, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
D201
5
4.5 - 5.5
533
35
3.3
400.0
10.0
12
75
1,000
D202
5
4.5 - 5.5
513
35
5.0
400.0
8.0
12
78
1,000
D203
5
4.5 - 5.5
495
35
12.0
165.0
3.0
8
80
1,000
D204
5
4.5 - 5.5
499
35
15.0
133.0
2.5
8
80
1,000
D205
5
4.5 - 5.5
533
35
±5.0
±200.0
±4.0
12
75
1,000
D206
5
4.5 - 5.5
504
35
±12.0
±83.0
±1.5
8
79
1,000
D207
5
4.5 - 5.5
501
35
±15.0
±66.0
±1.0
8
79
1,000
D211
12
10.8 - 13.2
204
25
3.3
400.0
10.0
8
67
500
D212
12
10.8 - 13.2
212
25
5.0
400.0
8.0
8
78
500
D213
12
10.8 - 13.2
196
25
12.0
165.0
3.0
8
85
500
D214
12
10.8 - 13.2
200
25
15.0
133.0
2.5
8
83
500
D215
12
10.8 - 13.2
216
25
±5.0
±200.0
±4.0
8
77
500
D216
12
10.8 - 13.2
201
25
±12.0
±83.0
±1.5
8
82
500
D217
12
10.8 - 13.2
200
25
±15.0
±66.0
±1.0
8
82
500
D221
24
21.6 - 26.4
92
10
3.3
400.0
10.0
8
74
200
D222
24
21.6 - 26.4
108
10
5.0
400.0
8.0
8
77
200
D223
24
21.6 - 26.4
101
10
12.0
165.0
3.0
8
81
200
D224
24
21.6 - 26.4
101
10
15.0
133.0
2.5
8
82
200
D225
24
21.6 - 26.4
108
10
±5.0
±200.0
±4.0
8
77
200
D226
24
21.6 - 26.4
102
10
±12.0
±83.0
±1.5
8
81
200
D227
24
21.6 - 26.4
99
10
±15.0
±66.0
±1.0
8
84
200
D231
48
43.2 - 52.8
59
10
3.3
400.0
10.0
8
70
100
D232
48
43.2 - 52.8
54
10
5.0
400.0
8.0
8
77
100
D233
48
43.2 - 52.8
51
10
12.0
165.0
3.0
8
81
100
D234
48
43.2 - 52.8
50
10
15.0
133.0
2.5
8
82
100
D235
48
43.2 - 52.8
54
10
±5.0
±200.0
±4.0
8
76
100
D236
48
43.2 - 52.8
51
10
±12.0
±83.0
±1.5
8
81
100
D237
48
43.2 - 52.8
50
10
±15.0
±66.0
±1.0
8
82
100
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
4
-Vout
-Vout
5
No Pin
Common
6
+Vout
+Vout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com