Electronic Components Datasheet Search
  English  ▼

X  

HD404816 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD404816
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD404816 Datasheet HTML 17Page - Renesas Technology Corp HD404816 Datasheet HTML 18Page - Renesas Technology Corp HD404816 Datasheet HTML 19Page - Renesas Technology Corp HD404816 Datasheet HTML 20Page - Renesas Technology Corp HD404816 Datasheet HTML 21Page - Renesas Technology Corp HD404816 Datasheet HTML 22Page - Renesas Technology Corp HD404816 Datasheet HTML 23Page - Renesas Technology Corp HD404816 Datasheet HTML 24Page - Renesas Technology Corp HD404816 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
HD404818 Series
19
Interrupts
Six interrupt sources are available on the MCU: external requests (
INT
0, INT1), timer/counters (timers A,
B, and C), and the serial interface. For each source, an interrupt request flag (IF), interrupt mask (IM), and
interrupt vector addresses are provided to control and maintain the interrupt request. The interrupt enable
flag (IE) is also used to control interrupt operations.
Interrupt Control Bits and Interrupt Servicing: The interrupt control bits are mapped on $000 through
$003 by the RAM space. They are accessible by RAM bit manipulations instructions, although the interrupt
request flag (IF) cannot be set by software. The interrupt enable flag (IE) and IF are cleared to 0, and the
interrupt mask (IM) is set to 1 after MCU reset.
Figure 6 is a block diagram of the interrupt control circuit. Table 2 shows the interrupt priority and vector
addresses, and table 3 shows the interrupt conditions corresponding to each interrupt source.
The interrupt request is generated when IF is set to 1 and IM is 0. If IE is 1 at this time, the interrupt will be
activated and vector addresses will be generated from the priority PLA corresponding to the interrupt
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com