Electronic Components Datasheet Search
  English  ▼

X  

2SA2168 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2168
Description  2SA2168
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2168 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2168 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2168 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2168 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA2168
No.8357-2/3
外形図
スイッチングタイム測定回路図
unit : mm
7514-003
VR
RL
VCC= --100V
VBE=5V
10IB1= --10IB2= IC= --0.7A
+
+
50Ω
VIN
VOUT
RB
100µF
470µF
PW=20µs
IB1
IB2
D.C.
≦1%
IC
Ta=75°C
--25°C
hFE -- IC
コレクタ電流, IC -- A
VCE= --5V
VCE= --5V
IT09691
100
7
1000
7
5
3
2
5
3
2
10
7
7
7
5
--1.0
--0.01
3
25
3
23
2
5
--0.1
--1.6
--1.2
--0.8
--0.4
0
0--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IC -- VBE
ベース・エミッタ電圧, VBE -- V
IT09690
25°C
--20mA
--10mA
--2mA
--5mA
--1mA
--40mA
--60mA
--80mA
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0--2
--4--5
--1
--3
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
IB=0mA
ITR04571
--1.0
--0.8
--0.6
--0.4
--0.2
0
0--20
--50
--10
--30
--40
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
--0.5mA
--2.5mA
--3.0mA
--3.5mA
--4.0mA
--4.5mA
--5.0mA
--1.0mA
IB=0mA
ITR04573
--2.0mA
--1.5mA
10.5
4.5
1.9
2.6
1.2
1.4
13
2
1.2
0.5
1.6
2.5
2.5
0.5
1 : Emitter
2 : Collector
3 : Base
SANYO : FLP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com