Electronic Components Datasheet Search
  English  ▼

X  

HD404812FS Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD404812FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404812FS Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD404812FS Datasheet HTML 91Page - Renesas Technology Corp HD404812FS Datasheet HTML 92Page - Renesas Technology Corp HD404812FS Datasheet HTML 93Page - Renesas Technology Corp HD404812FS Datasheet HTML 94Page - Renesas Technology Corp HD404812FS Datasheet HTML 95Page - Renesas Technology Corp HD404812FS Datasheet HTML 96Page - Renesas Technology Corp HD404812FS Datasheet HTML 97Page - Renesas Technology Corp HD404812FS Datasheet HTML 98Page - Renesas Technology Corp HD404812FS Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
HD404818 Series
93
2. The oscillator stabilization time is the period from when V
CC reaches 2.7 V (HD407L4818:
V
CC =
3.0 V) at power-on until the oscillator stabilizes. The time required to stabilize the oscillator (t
RC)
must be obtained. Since t
RC depends on the ceramic oscillator’s circuit constant and stray
capacitance, consult with the ceramic oscillator manufacturer.
3. See figure 48.
4. See figure 49. The unit t
cyc is applied when the MCU is in standby mode or active mode.
5. See figure 50.
6. See figure 49. The unit t
subcyc is applied when the MCU is in watch mode or subactive mode.
t
subcyc = 244.14 µs (when a 32.768-kHz crystal oscillator is used)
7. The analog comparator stabilization time is the period from when D
12/D13 is placed in analog
input mode until the analog comparator stabilizes and correct data can be read.
8. Applies to HD40L4812, HD40L4814, HD40L4816, and HD40L4818.
9. Applies to HD407L4818.
Serial Interface Timing Characteristics
During Transmit Clock Output (HD40L4812, HD40L4814, HD40L4816, HD40L4818: V
CC = 2.7 to 6
V; HD407L4818: V
CC = 3 to 5.5 V; GND = 0 V, Ta = –20°C to +75°C, unless otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Transmit clock cycle time
t
Scyc
SCK
1
t
cyc /
t
subcyc
1, 2, 4
Transmit clock high and low
widths
t
SCKH,
t
SCKL
SCK
0.5
t
Scyc
1, 2
Transmit clock rise and fall
times
t
SCKr,
t
SCKf
SCK
200
ns
1, 2
Serial output data delay time t
DSO
SO
500
ns
1, 2
Serial input data setup time
t
SSI
SI
300
ns
1
Serial input data hold time
t
HSI
SI
300
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com