Electronic Components Datasheet Search
  English  ▼

X  

MPXV7002DPT1 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPXV7002DPT1
Description  MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7002DPT1 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPXV7002DPT1 Datasheet HTML 3Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 4Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 5Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 6Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 7Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 8Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 9Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 10Page - NXP Semiconductors MPXV7002DPT1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MPXV7002
Sensors
NXP B.V.
7
6
Package Dimensions
CASE 482A-01
ISSUE A
SMALL OUTLINE PACKAGE
CASE 482A–01
ISSUE A
DATE 05/13/98
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
10.54
0.425
9
7
.
0
1
5
1
4
.
0
B
10.54
0.425
9
7
.
0
1
5
1
4
.
0
C
12.70
0.520
1
2
.
3
1
0
0
5
.
0
D
0.96
0.042
7
0
.
1
8
3
0
.
0
G
0.100 BSC
2.54 BSC
H
0.002
0.010
0.05
0.25
J
0.009
0.011
0.23
0.28
K
0.061
0.071
1.55
1.80
M
0
7
0
7
N
0.444
0.448
11.28
11.38
S
0.709
0.725
18.01
18.41
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006).
5. ALL VERTICAL SURFACES 5 TYPICAL DRAFT.
S
D
G
8 PL
4
5
8
1
S
B
M
0.25 (0.010)
A S
T
–A–
–B–
C
M
J
K
PIN 1 IDENTIFIER
H
SEATING
PLANE
–T–
N
V
W
V
0.245
0.255
6.22
6.48
W
0.115
0.125
2.92
3.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com