Electronic Components Datasheet Search
  English  ▼

X  

HD404818FS Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD404818FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404818FS Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD404818FS Datasheet HTML 75Page - Renesas Technology Corp HD404818FS Datasheet HTML 76Page - Renesas Technology Corp HD404818FS Datasheet HTML 77Page - Renesas Technology Corp HD404818FS Datasheet HTML 78Page - Renesas Technology Corp HD404818FS Datasheet HTML 79Page - Renesas Technology Corp HD404818FS Datasheet HTML 80Page - Renesas Technology Corp HD404818FS Datasheet HTML 81Page - Renesas Technology Corp HD404818FS Datasheet HTML 82Page - Renesas Technology Corp HD404818FS Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
HD404818 Series
77
Absolute Maximum Ratings
HD404812, HD404814, HD404816, HD404818, and HD4074818 Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Supply voltage
V
CC
–0.3 to +7.0
V
Programming voltage
V
PP
–0.3 to +14.0
V
1
Pin voltage
V
T
–0.3 to V
CC +0.3
V
Total permissible input current
∑ I
o
100
mA
2
Total permissible output current
–
∑ I
o
50
mA
3
Maximum input current
I
o
4
mA
4, 5
30
mA
4, 6
Maximum output current
–I
o
4
mA
7, 8
Operating temperature
T
opr
–20 to +75
°C
Storage temperature
T
stg
–55 to +125
°C
Notes: Permanent damage may occur if these absolute maximum ratings are exceeded. Normal operation
should be under the conditions of the electrical characteristics. If these conditions are exceeded, it
may cause a malfunction or affect the reliability of the LSI.
1. D
10 (VPP) of the HD4074818.
2. Total permissible input current is the sum of the input currents which flow in from all I/O pins to
GND simultaneously.
3. Total permissible output current is the sum of the output currents which flow out from V
CC to all
I/O pins simultaneously.
4. Maximum input current is the maximum amount of input current from each I/O pin to GND.
5. R0–R3.
6. D
0–D 9.
7. Maximum output current is the maximum amount of output current from V
CC to each I/O pin.
8. D
0–D 9 and R0–R3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com