Electronic Components Datasheet Search
  English  ▼

X  

IRKD320 Datasheet(PDF) 2 Page - International Rectifier

Part # IRKD320
Description  MAGN-A-pak Power Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD320 Datasheet(HTML) 2 Page - International Rectifier

  IRKD320 Datasheet HTML 1Page - International Rectifier IRKD320 Datasheet HTML 2Page - International Rectifier IRKD320 Datasheet HTML 3Page - International Rectifier IRKD320 Datasheet HTML 4Page - International Rectifier IRKD320 Datasheet HTML 5Page - International Rectifier IRKD320 Datasheet HTML 6Page - International Rectifier IRKD320 Datasheet HTML 7Page - International Rectifier IRKD320 Datasheet HTML 8Page - International Rectifier IRKD320 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
I
F(AV)
Maximum average forward current
250
270
320
A
180o conduction, half sine wave
@ Case temperature
100
100
100
o
C
I
F(RMS) Maximum RMS forward current
393
424
502
A
as AC switch
I
FSM
Maximum peak, one-cycle forward,
7015
8920
10110
A
t = 10ms No voltage
non-repetitive surge current
7345
9340
10580
t = 8.3ms reapplied
5900
7500
8500
t = 10ms 100% V
RRM
6180
7850
8900
t = 8.3ms reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
246
398
511
KA2s t = 10ms No voltage
Initial T
J = TJ max
225
363
466
t = 8.3ms reapplied
174
281
361
t = 10ms 100% V
RRM
159
257
330
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
2460
3980
5110 KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1 Low level val. of threshold voltage
0.79
0.74
0.69
V
(16.7% x
π x I
F(AV) < I < π x IFAV)), TJ = TJ max.
V
F(TO)2 High level val. of threshold voltage
0.92
0.87
0.86
V
(I >
π xI
F(AV)), TJ = TJ max.
r
t1
Low level forward slope resistance
0.63
0.94
0.59
m
Ω (16.7% x π x I
F(AV) < I < π x IF(AV)) TJ = TJ max.
r
t2
High level forward slope resistance
0.49
0.81
0.44
m
Ω (I > π xI
F(AV)), TJ = TJ max.
V
FM
Maximum forward voltage drop
1.29
1.48
1.28
V
I
FM = π x IF(AV), TJ = TJ max., 180
o
conduction
Av. power = V
F(TO) x IF(AV) + rf x (IF(RMS))
2
Parameters
IRK.250 IRK.270 IRK.320
Units Conditions
Forward Conduction
Voltage Ratings
ELECTRICAL SPECIFICATIONS
Type number
Voltage
V
RRM , Maximum repetitive
V
RSM , Maximum non-repetitive
I
RRM Max
Code
peak reverse voltage
peak reverse voltage
@ 150°C
VV
m A
IRK.250-
04
400
500
50
IRK.270-
08
800
900
IRK.320-
12
1200
1300
16
1600
1700
20
2000
2100
IRK.320-
24
2400
2500
50
30
3000
3100
I
RRM
Max. peak reverse leakage
50
mA
T
J = 150
o
C
current
V
INS
RMS isolation voltage
3000
V
50Hz, circuit to base, all terminals shorted, t =1sec
Blocking
Parameter
IRK.250/.270/.320
Units Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com