Electronic Components Datasheet Search
  English  ▼

X  

BHPR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BHPR
Description  250W / 300W TO-227 HIGH POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BHPR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BHPR Datasheet HTML 1Page - List of Unclassifed Manufacturers BHPR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250W / 300W TO-227 HIGH POWER RESISTORS
Features………………………………………………………….
Non-Inductive,
Rated up to 300W depending on resistor configuration.
Small TO-227 style package, with very low thermal resistance.
Superior vibration durability, with M4 screw terminals.
RoHS compliant.
Applications………………………………………………………
High power snubber resistors in power supplies.
High frequency and pulse handling circuits.
Pulse generator load resistors
.
High power crossover circuits in audio speaker systems
Specification
Specifications subject to change without notice
1
Dimensions
Symbols
(mm)
A
38+/-0.5
B
25+/-0.5
C
15+/-0.5
D
30+/-0.2
E
15+/-0.5
F
13+/-0.5
G2-3.2dia.
H
4-M4.0
Schematics
BHPR300
   BHPR250
Dimensions
A
H
D
E
G


Similar Part No. - BHPR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BHPR TTELEC-BHPR Datasheet
636Kb / 9P
MODEL BHPR SERIES
04.12
More results

Similar Description - BHPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
High Voltage Power Supply - 250W Series
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
20W TO-126 HIGH POWER RESISTORS
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
35W TO-220 HIGH POWER RESISTORS
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
140W TO-247 HIGH POWER RESISTORS
logo
General Semiconductor
MHSL02555 GE-MHSL02555 Datasheet
92Kb / 8P
Thermal Management for FC-and FW-Series 250W-300W Board-Mounted Power Modules
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
250W250W Redundant Power Supply
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
250W Output Power
logo
ETA-USA
ZME250-SX-F-W ETA-USA-ZME250-SX-F-W Datasheet
1Mb / 2P
250W High Power density, 250W in 3" x 5" footprint
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com