Electronic Components Datasheet Search
  English  ▼

X  

MAX2016ETI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX2016ETI
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016ETI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX2016ETI Datasheet HTML 8Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 9Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 10Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 11Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 12Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 13Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 14Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 15Page - Maxim Integrated Products MAX2016ETI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
12
______________________________________________________________________________________
Measuring VSWR and Return Loss
In Figure 2, the two logarithmic amplifiers measure the
incident and the reflected power levels to produce two
proportional output voltages at OUTA and OUTB. Since
OUTD is a DC voltage proportional to the difference of
OUTA and OUTB, return loss (RL) and VSWR can be
easily calculated within a microprocessor using the
following relationships:
where return loss (RL) is expressed in decibels,
VCENTER is the output voltage (typically 1V) when
PRFINA = PRFINB, and SLOPE is typically equal to
25mV/dB (for R3 = 0
Ω).
RL
P
P
VV
SLOPE
RFINA
RFINB
OUTD
CENTER
=−
=
−
()
MAX2016
CSETL
COUTL
VREF
LOGARITHMIC
DETECTOR
LOGARITHMIC
DETECTOR
COUTL
OUTD
SETD
20k
Ω
RFINB
RFINA
OUTD
TRANSMITTER
COUPLER
CIRCULATOR
ATTENUATOR
GND
Figure 1. VSWR Monitoring Configuation
MAX2016
RFINA
RFINB
GND
ADC
µP
IN
LOAD
4-PORT DIRECTIONAL
COUPLER
LOGARITHMIC
DETECTOR
LOGARITHMIC
DETECTOR
OUTD
SETD
20k
Ω
Figure 2. Measuring Return Loss and VSWR of a Given Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com