Electronic Components Datasheet Search
  English  ▼

X  

B1156 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # B1156
Description  Silicon PNP epitaxial planar type(For power switching)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

B1156 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  B1156 Datasheet HTML 1Page - Panasonic Semiconductor B1156 Datasheet HTML 2Page - Panasonic Semiconductor B1156 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SB1156
PC —Ta
IC —VCE
VCE(sat) —IC
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
ton, tstg, tf — IC
Area of safe operation (ASO)
0
150
125
100
25
75
50
0
200
160
120
80
40
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(P
C=3W)
(1)
(3)
(2)
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
–20
–16
–12
–8
–4
T
C=25˚C
I
B=–300mA
–20mA
–40mA
–60mA
–80mA
–200mA
–140mA
–100mA
Collector to emitter voltage V
CE
(V)
– 0.1
–30
–10
–1
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
I
C/IB=10
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.1
–30
–10
–1
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
(1) I
C/IB=10
(2) I
C/IB=20
T
C=25˚C
(1)
(2)
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
I
C/IB=10
T
C=–25˚C
100˚C
25˚C
Collector current I
C
(A)
– 0.1
–30
–10
–1
– 0.3
–3
1
3
10
30
100
300
1000
V
CE=–2V
T
C=100˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0.1
0.3
1
3
10
30
100
300
1000
V
CE=–10V
f=10MHz
T
C=25˚C
Collector current I
C
(A)
0–8
–2
–6
–4
–7
–1
–5
–3
0.01
10
1
0.1
0.03
0.3
3
t
stg
t
on
t
f
Pulsed t
w=1ms
Duty cycle=1%
I
C/IB=10
(–I
B1=IB2)
V
CC=–50V
T
C=25˚C
Collector current I
C
(A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
10ms
t=1ms
I
CP
I
C
Non repetitive pulse
T
C=25˚C
DC
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com