Electronic Components Datasheet Search
  English  ▼

X  

TSL261R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TSL261R
Description  INFRARED LIGHTTOVOLTAGE OPTICAL SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TSL261R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL261R Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 2Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 3Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 4Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL261R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT TOVOLTAGE OPTICAL SENSORS
TAOS049 – JANUARY 2003
2
t
t
Copyright
E 2003, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (see Note 1)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 2)
5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES: 1. All voltages are with respect to GND.
2. Output may be shorted to supply.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.7
5.5
V
Operating free-air temperature, TA
0
70
°C
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 940 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, and 5)
PARAMETER
TEST
TSL260R
TSL261R
TSL262R
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
4
10
0
4
10
0
4
10
mV
VOM
Maximum output
voltage
VDD = 4.5 V
3
3.3
3
3.3
3
3.3
V
Ee = 18 µW/cm2
1
2
3
VO
Output voltage
Ee = 46 µW/cm2
1
2
3
V
VO
Out ut voltage
Ee = 220 µW/cm2
1
2
3
V
Ee = 18 µW/cm2,
8
mV/
°C
Temperature
Ee = 18 µW/cm ,
TA = 0°C to 70°C
0.4
%/
°C
α
Temperature
coefficient of
Ee = 46 µW/cm2,
8
mV/
°C
αvo
coefficient of
output voltage
(V )
Ee = 46 µW/cm ,
TA = 0°C to 70°C
0.4
%/
°C
g
(VO)
Ee = 220 µW/cm2,
8
mV/
°C
Ee = 220 µW/cm ,
TA = 0°C to 70°C
0.4
%/
°C
Ne
Irradiance
responsivity
See Note 6
111
43.5
9.1
mV/(
µW/cm2)
Ee = 18 µW/cm2
1.1
1.7
IDD
Supply current
Ee = 46 µW/cm2
1.1
1.7
mA
DD
y
Ee = 220 µW/cm2
1.1
1.7
NOTES: 3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The input irradiance Ee is supplied by a GaAs LED with peak wavelength λp = 940 nm
6. Irradiance responsivity is characterized over the range VO = 0.05 to 2.9 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com