Electronic Components Datasheet Search
  English  ▼

X  

V386 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # V386
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button V386 Datasheet HTML 2Page - Integrated Circuit Systems V386 Datasheet HTML 3Page - Integrated Circuit Systems V386 Datasheet HTML 4Page - Integrated Circuit Systems V386 Datasheet HTML 5Page - Integrated Circuit Systems V386 Datasheet HTML 6Page - Integrated Circuit Systems V386 Datasheet HTML 7Page - Integrated Circuit Systems V386 Datasheet HTML 8Page - Integrated Circuit Systems V386 Datasheet HTML 9Page - Integrated Circuit Systems V386 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8-BIT LVDS RECEIVER FOR VIDEO
V386
V386 Datasheet
8
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
Figure 3. V386 SETUP/HOLD and High/Low Times
Figure 4. V386 Clock In to Clock Out Delay
Figure 5. V386 Phase Lock Loop Set Time
Figure 6. V386 Power Down Delay
CLKOUT
D0 – D27 Out
0.8 V
2.0 V
RCOP
2.0 V
2.0 V
0.8 V
RCOH
RCOL
RSRC
RHRC
2.0 V
SETUP
2.0 V
HOLD
CLKOUT
Vdiff=0V
RCCD
RCK
1.5V
CLKOUT
RPLLS
RCK
3.0 V
2.0 V
3.6 V
VCC
PWRDWN
RPDD
1.5 V
PWRDWN
RCK IN
Low



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com