Electronic Components Datasheet Search
  English  ▼

X  

XC66D Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC66D
Description  Positive Voltage Regulators with Built - in Voltage Detect Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC66D Datasheet(HTML) 2 Page - Torex Semiconductor

  XC66D Datasheet HTML 1Page - Torex Semiconductor XC66D Datasheet HTML 2Page - Torex Semiconductor XC66D Datasheet HTML 3Page - Torex Semiconductor XC66D Datasheet HTML 4Page - Torex Semiconductor XC66D Datasheet HTML 5Page - Torex Semiconductor XC66D Datasheet HTML 6Page - Torex Semiconductor XC66D Datasheet HTML 7Page - Torex Semiconductor XC66D Datasheet HTML 8Page - Torex Semiconductor XC66D Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
XC66D Series
374
3
■Pin Configuration
■Pin Assignment
■Packaging Information
GSOT-25
■Product Classification
GOrdering Information
PIN NUMBER
PIN NAME
FUNCTION
1
Voltage Detect Output
Ground
Voltage Detect Input
2
3
VDOUT
VSS
VDIN
Power Supply
Voltage Regulator Output
4
5
VIN
VOUT
SOT-25
(TOP VIEW)
5
4
VOUT
VDOUT
VIN
VSS VDIN
1
3
2
DESIGNATOR
ad
e
b
c
DESCRIPTION
DESIGNATOR
DESCRIPTION
Detector Output Configuration
C=CMOS(High level=VOUT)
N=N-ch open drain
33=3.3V
50=5.0V
25=2.5V
38=3.8V
Device Orientation
R=Embossed Tape
(Standard Feed)
L=Embossed Tape
(Reverse Feed)
XC66DXXXXXXX
↑
a
↑
b
↑
c
↑
d
↑
e
↑
f
Package Type
M=SOT-25
Detect Voltage (VDF)
Regulator Output Voltage (VOUT)
0.4
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
03S_11XC66D 02.9.12 3:09 PM ページ 374



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com