Electronic Components Datasheet Search
  English  ▼

X  

FTK84 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK84
Description  POWER MOSFET 130 mAmps, 50 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK84 Datasheet HTML 1Page - First Silicon Co., Ltd FTK84 Datasheet HTML 2Page - First Silicon Co., Ltd FTK84 Datasheet HTML 3Page - First Silicon Co., Ltd FTK84 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT –23
P–Channel SOT–23
These miniature surface mount MOSFETs reduce power loss
conserve energy, making this device ideal for use in small power
management circuitry. Typical applications are dc–dc converters, load
switching, power management in portable and battery–powered
products such as computers, printers, cellular and cordless telephones.
• Energy Efficient
• Miniature SOT–23 Surface Mount Package Saves Board Space
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
50
Vdc
Gate–to–Source Voltage – Continuous
VGS
±20
Vdc
Drain Current
– Continuous @ TA = 25 C
– Pulsed Drain Current (tp
≤ 10µs)
ID
IDM
130
520
mA
Total Power Dissipation @ TA = 25 C
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
– 55 to
150
C
Thermal Resistance – Junction–to–Ambient
RθJA
556
C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
C
Rating
MAXIMUM RATINGS (TJ = 25 °C unless otherwise noted)
3 Drain
1
-
Gate
Source
ORDERING INFORMATION
POWER MOSFET
130 mAmps, 50 Volts
2007. 12. 18
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK84
Revision No : 0
1
3
2
FTK84LT1G
PD
3000/Tape&Reel
Device
Marking
Shipping


Similar Part No. - FTK84

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK84D FS-FTK84D Datasheet
516Kb / 5P
POWER MOSPET 130 mAmps, 50 VOLTS p-channel sc-88(sot-363)
FTK84U FS-FTK84U Datasheet
767Kb / 5P
POWER MOSFET P-CHANNEL 130mAmps,50Volts
More results

Similar Description - FTK84

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS84LT1G LRC-LBSS84LT1G Datasheet
313Kb / 6P
Power MOSFET F30 mAmps, 50 Volts
LBSS138WT1G LRC-LBSS138WT1G Datasheet
371Kb / 8P
Power MOSFET 200 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
130 mAmps, 50 Volts
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
130 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS84DW1T1G LRC-LBSS84DW1T1G_15 Datasheet
569Kb / 5P
Power Mosfet 130 mAmps
LBSS84LT1G LRC-LBSS84LT1G_15 Datasheet
145Kb / 4P
Power MOSFET 130 mAmps
LBSS84WT1G LRC-LBSS84WT1G_15 Datasheet
323Kb / 6P
Power MOSFET 130 mAmps
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
Power MOSFET 130 mAmps, 50 Volts
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com