Electronic Components Datasheet Search
  English  ▼

X  

FTK84D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK84D
Description  POWER MOSPET 130 mAmps, 50 VOLTS p-channel sc-88(sot-363)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK84D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK84D Datasheet HTML 1Page - First Silicon Co., Ltd FTK84D Datasheet HTML 2Page - First Silicon Co., Ltd FTK84D Datasheet HTML 3Page - First Silicon Co., Ltd FTK84D Datasheet HTML 4Page - First Silicon Co., Ltd FTK84D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2014. 04. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK84D
Revision No : 0
P–Channel SC-88(SOT-363)
These miniature surface mount MOSFETs reduce power loss
conserve energy, making this device ideal for use in small power
management circuitry. Typical applications are dc–dc converters, load
switching, power management in portable and battery–powered
products such as computers, printers, cellular and cordless telephones.
• Energy Efficient
• Miniature SC88 Surface Mount Package Saves Board Space
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
50
Vdc
Gate–to–Source Voltage – Continuous
VGS
±20
Vdc
Drain Current
– Continuous @ TA = 25°C
– Pulsed Drain Current (tp ≤10 µs)
ID
IDM
130
520
mA
Total Power Dissipation @ TA = 25°C
PD
380
mW
Operating and Storage Temperature
Range
TJ, Tstg
– 55 to
150
°C
Thermal Resistance – Junction–to–Ambient
RθJA
328
°C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
Rating
MAXIMUM RATINGS (TJ = 25 C unless otherwise noted)
°
• Pb-Free Package is available.
130
S
1
D
1
D
2
S
2
G
1
G
2
1
2
3
4
5
6
Device
Marking
Shipping
ORDERING INFORMATION
FTK84D
PD
3000 Tape & Reel


Similar Part No. - FTK84D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK84 FS-FTK84 Datasheet
100Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
FTK84U FS-FTK84U Datasheet
767Kb / 5P
POWER MOSFET P-CHANNEL 130mAmps,50Volts
More results

Similar Description - FTK84D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BSS84LT1 WILLAS-BSS84LT1 Datasheet
324Kb / 4P
130 mAmps, 50 Volts
BSS84WT1 WILLAS-BSS84WT1 Datasheet
318Kb / 4P
130 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
Power MOSFET 130 mAmps, 50 Volts
LBSS138DW1T1G LRC-LBSS138DW1T1G Datasheet
593Kb / 6P
Power MOSFET200 mAmps, 50 Volts N?밅hannel SC-88
LBSS139DW1T1G LRC-LBSS139DW1T1G Datasheet
1Mb / 7P
Power MOSFET200 mAmps, 50 Volts N?밅hannel SC-88
logo
First Silicon Co., Ltd
FTK84 FS-FTK84 Datasheet
100Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
FTK138D FS-FTK138D Datasheet
417Kb / 5P
POWER MOSPET 200 mAmps, 50 Volts
FTK138U FS-FTK138U Datasheet
288Kb / 5P
POWER MOSPET 200 mAmps, 50 Volts N-channel(sot-323)
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com