Electronic Components Datasheet Search
  English  ▼

X  

FTK138 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK138
Description  POWER MOSFET 200 mAmps, 50 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK138 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK138 Datasheet HTML 1Page - First Silicon Co., Ltd FTK138 Datasheet HTML 2Page - First Silicon Co., Ltd FTK138 Datasheet HTML 3Page - First Silicon Co., Ltd FTK138 Datasheet HTML 4Page - First Silicon Co., Ltd FTK138 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
2
3
N - Channel
SOT –23
N–Channel SOT–23
Typical applications are dc–dc converters, power management in
portable and battery–powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
• Low Threshold Voltage (V
GS(th): 0.5V...1.5V) makes it ideal for low
voltage applications
• Miniature SOT–23 Surface Mount Package saves board space
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
50
Vdc
Gate–to–Source Voltage – Continuous
VGS
±20
Vdc
Drain Current
– Continuous @ TA = 25 C
– Pulsed Drain Current (tp
≤ 10µs)
ID
IDM
200
800
mA
Total Power Dissipation @ TA = 25 C
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
– 55 to
150
C
Thermal Resistance – Junction–to–Ambient
RθJA
556
C/W
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
C
Rating
MAXIMUM RATINGS (TJ = 25 °C unless otherwise noted)
ORDERING INFORMATION
POWER MOSFET
200 mAmps, 50 Volts
2008. 1. 28
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK138
Revision No : 0
1
3
2
FTK138LT1G
J1
3000/Tape&Reel
Device
Marking
Shipping


Similar Part No. - FTK138

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
FTK138D FS-FTK138D Datasheet
417Kb / 5P
POWER MOSPET 200 mAmps, 50 Volts
FTK138U FS-FTK138U Datasheet
288Kb / 5P
POWER MOSPET 200 mAmps, 50 Volts N-channel(sot-323)
More results

Similar Description - FTK138

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS138LT1 LRC-LBSS138LT1 Datasheet
171Kb / 5P
Power MOSFET 200 mAmps, 50 Volts N-hannel SOT-3
LBSS138WT1G LRC-LBSS138WT1G Datasheet
371Kb / 8P
Power MOSFET 200 mAmps, 50 Volts
logo
WILLAS ELECTRONIC CORP
BSS138LT1 WILLAS-BSS138LT1 Datasheet
334Kb / 5P
Power MOSFET 200 mAmps, 50 Volts
BSS138WT1 WILLAS-BSS138WT1 Datasheet
358Kb / 5P
200 mAmps, 50 Volts
logo
Leshan Radio Company
LBSS139WT1G LRC-LBSS139WT1G Datasheet
539Kb / 5P
Power MOSFET 200 mAmps, 50 Volts N?밅hannel SC??0
LBSS84DW1T1G LRC-LBSS84DW1T1G Datasheet
569Kb / 5P
Power MOSFET 130 mAmps, 50 Volts
logo
First Silicon Co., Ltd
FTK138D FS-FTK138D Datasheet
417Kb / 5P
POWER MOSPET 200 mAmps, 50 Volts
logo
Shanghai Leiditech Elec...
LMSS84W LEIDITECH-LMSS84W Datasheet
484Kb / 4P
POWER MOSFET 130 mAmps, 50 Volts
LBSS138LT1G LEIDITECH-LBSS138LT1G Datasheet
938Kb / 6P
Power MOSFET 200 mAmps, 50 Volts N?밅hannel SOT-23
logo
First Silicon Co., Ltd
FTK138-AB FS-FTK138-AB Datasheet
585Kb / 4P
POWER MOSFET 200 mAmps, 50 Volts
2022. 04. 28 Revision No : 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com