Electronic Components Datasheet Search
  English  ▼

X  

FTK3043P Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK3043P
Description  20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK3043P Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK3043P Datasheet HTML 1Page - First Silicon Co., Ltd FTK3043P Datasheet HTML 2Page - First Silicon Co., Ltd FTK3043P Datasheet HTML 3Page - First Silicon Co., Ltd FTK3043P Datasheet HTML 4Page - First Silicon Co., Ltd FTK3043P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 3)
R JA
280
℃
/W
Junction−to−Ambient – t = 5 s (Note 3)
R JA
228
Junction−to−Ambient – Steady State Minimum Pad (Note 4)
R JA
400
3. Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
4. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Test Condition
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
VGS = 0 V, ID = 100uA
V(BR)DSS
20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
ID = 100uA, Reference to 25℃
V(BR)DSS/TJ
27
mV/℃
Zero Gate Voltage Drain Current
VGS = 0 V,
VDS = 16 V
TJ = 25℃
IDSS
1
uA
TJ = 125℃
10
Gate−to−Source Leakage Current
VDS = 0 V, VGS = ±5V
IGSS
1
uA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS = VDS, ID = 250uA
VGS(TH)
0.4
1.3
V
Gate Threshold Temperature Coefficient
VGS(TH)/TJ
−2.4
mV/℃
Drain−to−Source On Resistance
VGS = 4.5V, ID = 10 mA
RDS(ON)
1.5
3.4
VGS = 4.5V, ID = 255 mA
1.6
3.8
VGS = 2.5 V, ID = 1 mA
2.4
4.5
VGS = 1.8 V, ID = 1 mA
5.1
10
VGS = 1.65 V, ID = 1 mA
6.8
15
Forward Transconductance
VDS = 5 V, ID = 100 mA
gFS
0.275
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
VGS = 0 V, f = 1 MHz, VDS = 10 V
CISS
11
pF
Output Capacitance
COSS
8.3
Reverse Transfer Capacitance
CRSS
2.7
SWITCHING CHARACTERISTICS, VGS= 4.5 V (Note 4)
Turn−On Delay Time
VGS = 4.5 V, VDD = 5 V, ID = 10 mA,
RG = 6Ω
td(ON)
13
ns
Rise Time
tr
15
Turn−Off Delay Time
td(OFF)
94
Fall Time
tf
55
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VGS = 0 V, IS= 286 mA
TJ = 25℃
VSD
0.83
1.2
V
TJ = 125℃
0.69
Reverse Recovery Time
VGS = 0 V, VDD = 20 V, dISD/dt = 100 A/us,
IS = 286 mA
tRR
9.1
ns
Charge Time
ta
7.1
Discharge Time
tb
2.0
Reverse Recovery Charge
QRR
3.7
nC
5. Pulse Test: pulse width
300 s, duty cycle
2%
6. Switching characteristics are independent of operating junction temperatures
FTK3043P
2018. 10. 12
2/5
Revision No : 0
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com