Electronic Components Datasheet Search
  English  ▼

X  

RCC Datasheet(PDF) 1 Page - Silicom Ltd.

Part # RCC
Description  Intel짰 Atom C2000 x86 Network Board with 4 RJ45 GbE and 2 SFP 10GbE Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

RCC Datasheet(HTML) 1 Page - Silicom Ltd.

  RCC Datasheet HTML 1Page - Silicom Ltd. RCC Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
RCC Network Board
Intel® Atom C2000 x86 Network Board with 4 RJ45 GbE and 2 SFP+ 10GbE Ports
Product Description
Intel Atom C2000 Board for NFV Edge, CPE, Wireless
Mini-ITX Form Factor (170x170mm
)
2x 10Gb Ethernet, 4x 1Gb Ethernet
PCIe
SATA
High-performance, Low Power
Technical Specifications
General Technical Specifications
Form Factor
Mini-ITX 170x170mm
CPU
Intel® Atom™ C2758 (8x 2.4 GHz, 2MB cache, 20W, QuickAssist, AES-NI)
DRAM
8GB or 16GB DDR3L 1600 MT/s with ECC, Dual channel. One channel memory down, one
channel SO-DIMM
Ethernet
4x 1Gb Ethernet RJ45 via Intel i354 on-chip ; 1 port configurable RJ45 or SFP
2x 10Gb Ethernet SFP+ via Intel 82599 Niantic
Storage
SATA2
mSATA slot for expansion
I/O Connectors
USB 2.0 host (2x)
Up to 2x SATA3
Up to 3x SATA2
PCI Express Gen2 x8 slot
Console
Serial over Mini-USB
Management
Actel SmartFusion with telemetry over USB


Similar Part No. - RCC

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
RCC-DFF SILICOM-RCC-DFF Datasheet
684Kb / 2P
Intel짰 Atom C2000 x86 Network Board with 2 RJ45 GbE Ports
logo
BCM Advanced Research.
RCC-HID-BATCHR-01R BCM-RCC-HID-BATCHR-01R Datasheet
390Kb / 2P
23.8” Ultra Light Medical Cart Panel PC with Multi-touch Function
2020/11/30
logo
Silicom Ltd.
RCC-VE SILICOM-RCC-VE Datasheet
345Kb / 3P
Intel짰 Atom C2000 x86 Network Board with 4 or 6 RJ45 GbE Ports
logo
Vishay Siliconix
RCC0402E3 VISHAY-RCC0402E3 Datasheet
135Kb / 7P
Medium Power Thick Film Chip Resistors
23-Apr-2021
RCC0603E3 VISHAY-RCC0603E3 Datasheet
135Kb / 7P
Medium Power Thick Film Chip Resistors
23-Apr-2021
More results

Similar Description - RCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW-7543 ETC2-FW-7543 Datasheet
140Kb / 2P
Desktop x86 Network Security Platform with Intel짰 Celeron짰 J1900 and Atom??E3800
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
FW-7573 ETC2-FW-7573 Datasheet
363Kb / 4P
Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor
logo
Silicom Ltd.
RCC-DFF SILICOM-RCC-DFF Datasheet
684Kb / 2P
Intel짰 Atom C2000 x86 Network Board with 2 RJ45 GbE Ports
RCC-VE SILICOM-RCC-VE Datasheet
345Kb / 3P
Intel짰 Atom C2000 x86 Network Board with 4 or 6 RJ45 GbE Ports
logo
Lanner All Rights Reser...
FW-7525 LANNER-FW-7525 Datasheet
510Kb / 2P
Fanless Desktop x86 Network Platform with Intel짰 Atom??C2000 Series ?쏳angeley??Processor
FW-7573 LANNER-FW-7573 Datasheet
363Kb / 4P
Rackmount x86 Network Security Platform with Intel짰 Atom??C2000 Series processor (Codenamed ?쏳angeley??
NCA-1210 LANNER-NCA-1210 Datasheet
412Kb / 2P
Compact x86 Desktop Network Appliance with Intel Atom C2000 SoC CPU
logo
Advantech Co., Ltd.
NMC-1001 ADVANTECH-NMC-1001 Datasheet
487Kb / 1P
4 Ports 10GbE SFP Network Management Card
24-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com