Electronic Components Datasheet Search
  English  ▼

X  

ADC3683 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3683
Description  ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3683 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC3683 Datasheet HTML 17Page - Texas Instruments ADC3683 Datasheet HTML 18Page - Texas Instruments ADC3683 Datasheet HTML 19Page - Texas Instruments ADC3683 Datasheet HTML 20Page - Texas Instruments ADC3683 Datasheet HTML 21Page - Texas Instruments ADC3683 Datasheet HTML 22Page - Texas Instruments ADC3683 Datasheet HTML 23Page - Texas Instruments ADC3683 Datasheet HTML 24Page - Texas Instruments ADC3683 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
8 Detailed Description
8.1 Overview
The ADC368x is a low noise, ultra-low power 18-bit high-speed dual channel ADC family supporting sampling
rates up to 65 MSPS. It offers excellent DC precision together with IF sampling support which makes it ideally
suited for a wide range of applications. The ADC368x is equipped with an internal reference option but it also
supports the use of an external, high precision 1.6 V voltage reference or an external 1.2 V reference which is
buffered and gained up internally. Because of the inherent low latency architecture, the digital output result is
available after only one or two clock cycles depending on the digital output interface.
An optional programmable digital down converter enables external anti-alias filter relaxation as well as output
data rate reduction. The digital filter provides a 32-bit programmable NCO and supports both real or complex
decimation.
The ADC368x uses a serial LVDS (SLVDS) interface to output the data which minimizes the number of digital
interconnects. The device supports a two-lane (2-wire), a one-lane (1-wire) and a half-lane (1/2-wire) option. The
ADC368x includes a digital output formatter which supports output resolutions from 14 to 20-bit.
The device features and control options can be set up either through pin configurations or via SPI register writes.
8.2 Functional Block Diagram
Control
AIN
CLK
VREF
ADC
18bit
1.2V REF
REFBUF
N
Digital Downconverter
NCO
BIN
ADC
18bit
N
NCO
0.95V
VCM
DB0/1
DCLKIN
DCLK
FCLK
DA0/1
Dig I/F
SLVDS
Crosspoint
Switch
www.ti.com
ADC3683
SBAS872 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com