Electronic Components Datasheet Search
  English  ▼

X  

G1214 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G1214
Description  Rail-to-Rail I/O, High-Slew-Rate OP Amp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1214 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1214 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1214 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1214 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1214 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1214 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver: 1.1
Jul 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1214
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage (VDD to VSS)…………………………6.5V
All Other Pins…………………(Vss-0.3V) to (VDD+0.3V)
Continuous Power Dissipation (TA=25°C)
SOT23-5…………………………………………..520mW
θJA…………………………………………….240°C/Watt
Junction Temperature…………………….……….150°C
Operating Temperature Range……………..0C to 85°C
Storage Temperature Range…………..-65°C to 160°C
Lead Temperature (soldering, 10sec)…..……… 300°C
Electrical Characteristics
VDD = 5V; VSS = 0V; Tamb = 25°C; CL=10pF, RL=1k
Ω
Ω
Ω
Ω to VDD/2; unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
Supply Voltage Range
VDD
Note1
3
5.5
V
Supply Current
IDD
No load
-
0.5
0.7
mA
Total Power Dissipation
Ptot
No load
-
0.25
0.35
mW
DC Characteristics
Input Offset Voltage
VI (OS)
±5
±15
mV
Common Mode Voltage
VCM
Inferred from CMRR test
0
-
5
V
Input Bias Current
IB
±1.5
5
nA
Input Bias Current Offset
IOS
±1.5
5
nA
Input Resistance
RIN
1000
-
M
Ω
Open Loop Gain
AV
85
95
-
dB
Maximum Output Current
IO
VOUT = ±VIN x 90%
55
±66
-
mA
Output Voltage Swing High
VOH
RL = 2k
Ω
4.96
4.99
V
Output Voltage Swing Low
VOL
RL = 2k
Ω
0.012
0.04
V
Power Supply Rejection Ratio
PSRR
3V≦VDD≦5.5V
50
70
-
dB
Common-Mode Rejection Ratio
CMRR
VSS≦VCM≦VDD
50
65
-
dB
AC Characteristics
Gain-Bandwidth Product
GBWP
Open-loop; No Load
-
6.5
-
MHz
Slew-Rate
SR
Measured from 10% to 90% of
4VP-P step, RL =1k
Ω, CL=10pF
6.5
V/µs
Phase Margin
PM
-
60
-
deg
Maximum Output Current with THD
IO
THD<0.1%, RL = 16
Ω
100
mA
Note1: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com