Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6721
Description  ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 3Page - Texas Instruments ISO6721 Datasheet HTML 4Page - Texas Instruments ISO6721 Datasheet HTML 5Page - Texas Instruments ISO6721 Datasheet HTML 6Page - Texas Instruments ISO6721 Datasheet HTML 7Page - Texas Instruments ISO6721 Datasheet HTML 8Page - Texas Instruments ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
VALUE
UNIT
8-DWV
8-D
IEC 60664-1
CLR
External clearance(1)
Side 1 to side 2 distance through air
>8.5
4
mm
CPG
External creepage(1)
Side 1 to side 2 distance across
package surface
>8.5
4
mm
DTI
Distance through the insulation
Minimum internal gap (internal
clearance)
>17
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
>400
V
Material Group
According to IEC 60664-1
I
II
Overvoltage category
Rated mains voltage ≤ 150 VRMS
I–IV
I-IV
Rated mains voltage ≤ 300 VRMS
I–IV
I-III
Rated mains voltage ≤ 600 VRMS
I–IV
n/a
Rated mains voltage ≤ 1000 VRMS
I-III
n/a
DIN VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak isolation
voltage
AC voltage (bipolar)
1500
637
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-
dependent dielectric breakdown
(TDDB) test
1060
450
VRMS
DC voltage
1500
637
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification);
VTEST = 1.2 × VIOTM, t = 1 s (100%
production)
7071
4242
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 62368-1, 1.2/50
µs waveform, VTEST = 1.3 × VIOSM =
6500 VPK (qualification)
6250
5000
VPK
qpd
Apparent charge(4)
Method a: After I/O safety test
subgroup 2/3, Vini = VIOTM, tini = 60
s; Vpd(m) = 1.2 × VIORM , tm = 10 s
≤ 5
≤ 5
pC
Method a: After environmental tests
subgroup 1, Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 × VIORM , tm = 10 s
≤ 5
≤ 5
Method b: At routine test (100%
production) and preconditioning (type
test), Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.5 × VIORM , tm = 1 s
≤ 5
≤ 5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2 πft), f = 1 MHz
~0.5
~0.5
pF
RIO
Insulation resistance, input to output(5)
VIO = 500 V, TA = 25°C
> 1012
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 150°C
> 1011
> 1011
VIO = 500 V at TS = 150°C
> 109
> 109
Pollution degree
2
2
Climatic category
40/125/21
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification);
VTEST = 1.2 × VISO , t = 1 s (100%
production)
5000
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in
certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
www.ti.com
ISO6720-Q1, ISO6721-Q1
SLLSFF5A – JULY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO6720-Q1 ISO6721-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com