Electronic Components Datasheet Search
  English  ▼

X  

FTK0904P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK0904P
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0904P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK0904P Datasheet HTML 1Page - First Silicon Co., Ltd FTK0904P Datasheet HTML 2Page - First Silicon Co., Ltd FTK0904P Datasheet HTML 3Page - First Silicon Co., Ltd FTK0904P Datasheet HTML 4Page - First Silicon Co., Ltd FTK0904P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
100V N-Channel MOSFETs
Fig.1 Continuous Drain Current vs. TC
TJ , Junction Temperature (℃)
Fig.2 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Fig.3 Normalized Vth vs. TJ
Fig.4 Gate Charge Characteristics
Fig.5 Normalized Transient Impedance
Qg , Gate Charge (nC)
Fig.6 Maximum Safe Operation Area
TC , Case Temperature (℃)
Square Wave Pulse Duration (s)
VDS , Drain to Source Voltage (V)
2018. 06. 14
3/5
Revision No : 0
FTK0904P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com