Electronic Components Datasheet Search
  English  ▼

X  

FTK0976 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK0976
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK0976 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK0976 Datasheet HTML 1Page - First Silicon Co., Ltd FTK0976 Datasheet HTML 2Page - First Silicon Co., Ltd FTK0976 Datasheet HTML 3Page - First Silicon Co., Ltd FTK0976 Datasheet HTML 4Page - First Silicon Co., Ltd FTK0976 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2020. 05. 06
5/5
FTK0976
Revision No : 1
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.350
1.750
0.053
0.068
A1
0.100
0.250
0.004
0.009
A2
1.300
1.500
0.052
0.059
A3
0.600
0.700
0.024
0.027
b
0.390
0.480
0.016
0.018
c
0.210
0.260
0.009
0.010
D
4.700
5.100
0.186
0.200
E
5.800
6.200
0.229
0.244
E1
3.700
4.100
0.146
0.161
e
1.270(BSC)
0.050(BSC)
h
0.250
0.500
0.010
0.019
L
0.500
0.800
0.019
0.031
L1
1.050(BSC)
0.041(BSC)
θ
0°
8°
0°
8°
SOP-8 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com