Electronic Components Datasheet Search
  English  ▼

X  

FTK1482 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK1482
Description  30V N-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1482 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK1482 Datasheet HTML 1Page - First Silicon Co., Ltd FTK1482 Datasheet HTML 2Page - First Silicon Co., Ltd FTK1482 Datasheet HTML 3Page - First Silicon Co., Ltd FTK1482 Datasheet HTML 4Page - First Silicon Co., Ltd FTK1482 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2018. 12. 05
2/5
FTK1482
Revision No : 1
5. THERMAL CHARACTERISTICS
1.Surface mounted on FR4 Board using 1 square inch pad size, 1oz copper
2.Surface mounted on FR4 board using minimum pad size, 1oz copper
4.Repetitive rating, pulse width limited by junction temperature TJ =150°C.
6. ELECTRICAL CHARACTERISTICS (Ta= 25°C)
OFF CHARACTERISTICS
Characteristic
Drain-to-Source Breakdown Voltage
(ID =250µA, VGS =0V)
Zero Gate Voltage Drain Current
(VDS =16V, VGS =0V)
Gate-to-source Leakage Current
(VDS =0V, VGS =±5V)
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS =VGS , ID =250µA)
Static Drain-Source On resistance
(VGS = 4.5V, ID = 0.55A)
(VGS = 2.5V, ID = 0.45A)
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge
Threshold Gate Charge
Gate-to-Source Charge
Gate-to-Drain Charge
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Turn-On Rise Time
Turn-Off Delay Time
Turn-Off Fall Time
BODY DIODE CHARACTERISTICS
Diode Forward Voltage
(VGS = 0 V, IS = 2A)
Steady State
Junction-to-Ambient Thermal Resistance(Note 2)
Parameter
Junction-to-Case Thermal Resistance
Max
335
395
430
535
300
Min
Typ.
-
275
-
325
-
375
-
445
Junction-to-Ambient Thermal Resistance(Note 1)
t ≤ 10s
Steady State
Steady State
V
VSD
0.8
1.2
-
-
-
-
98
128
2600
677
ns
pF
Qg
Qgs
Qgd
-
5
-
Crss
Qg
nC
-
33
-
-
100
-
95
130
Ciss
Coss
µA
µA
Symbol
Symbol
Unit
-
260
/W
(VGS = 0 V, f =
100 KHz, VDS
=10 V)
(VDD =10V,
VGS =4.5V,ID
=1A, RG =6Ω)
tD(on)
tr
tD(off)
tf
-
-
-
-
-
(VGS = 4.5 V,
VDS = 10 V,ID
= 1A)
-
1
Typ.
Max.
Unit
V(BR)DSS
V
30
-
-
Min.
V
RDS(ON)
IGSS
-
-
± 10
VGS(th)
1.4
0.6
IDSS
-
-
75
t ≤ 10s
3.Repetitive rating, pulse width limited by junction temperature, tp =10μs, Duty Cycle=1%
mΩ
247
-
-
-
4.7
-
-
3.6
-
-
1.9
-
-
1.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com