Electronic Components Datasheet Search
  English  ▼

X  

TMUXHS4412 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS4412
Description  TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS4412 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUXHS4412 Datasheet HTML 9Page - Texas Instruments TMUXHS4412 Datasheet HTML 10Page - Texas Instruments TMUXHS4412 Datasheet HTML 11Page - Texas Instruments TMUXHS4412 Datasheet HTML 12Page - Texas Instruments TMUXHS4412 Datasheet HTML 13Page - Texas Instruments TMUXHS4412 Datasheet HTML 14Page - Texas Instruments TMUXHS4412 Datasheet HTML 15Page - Texas Instruments TMUXHS4412 Datasheet HTML 16Page - Texas Instruments TMUXHS4412 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The TMUXHS4412 is an analog 4-channel high-speed mux/demux type of switch that can be used for routing
high-speed signals between two different locations on a circuit board. The TMUXHS4412 can be used for many
high speed interfaces including:
• Peripheral Component Interconnect Express (PCIe) Gen 1.0, 2.0, 3.0, 4.0
• USB 4.0
• Universal Serial Bus (USB) 3.2 Gen 1.0, 2.0
• Serial ATA (SATA/eSATA)
• Serial Attached SCSI (SAS)
• Display Port (DP) 1.4, 2.0
• Thunderbolt (TBT) 3.0
• Mipi Camera Serial Interface (CSI-2), Display Serial Interface (DSI)
• Low Voltage Differential Signalling (LVDS)
• Serdes Framer Interface (SFI)
• Ethenet Interfaces
The device’s mux/demux selection pin SEL can easily be controlled by an available GPIO pin of a controller or
hard tie to voltage level H or L as an application requires.
The TMUXHS4412 with adaptive voltage tracking technology can support applications where the common mode
is different between the RX and TX pair. The switch paths of the TMUXHS4412 have internal weak pull-down
resistors of 1 MΩ on the common port pins. While these resistors biases the device data channels to common
mode voltage (CMV) of 0 V with a weak strength, it is recommended that the device is biased from either side of
the device to a valid value (in the range of 0 - 1.8 V in 3.3 V supply voltage mode). It is expected that the system/
host controller and Device/End point common mode bias impedances are much stronger (smaller) than the
TMUXHS4412 internal pull-down resistors; therefore, they are not impacted.
Many interfaces require AC coupling between the transmitter and receiver. The 0201 or 0402 capacitors are the
preferred option to provide AC coupling. Avoid the 0603, 0805 size capacitors and C-packs. When placing AC
coupling capacitors, symmetric placement is best. The capacitor value must be chosen according to the specific
interface the device is being used. The value of the capacitor should match for the positive and negative signal
pair. For many interfaces such as USB 3.2 and PCIe, the designer should place them along the TX pairs on the
system board, which are usually routed on the top layer of the board. Depending upon the application and
interface specifications, use the appropriate value for AC coupling capacitors.
The AC coupling capacitors have several placement options. Typical use cases warrant that the capacitors are
placed on one side of the TMUXHS4412. In certain use cases, if both side of the TMUXHS4412 is ac coupled, it
is recommended that appropriate CMV biasing is used for the device. 10 kΩ to GND or any other bias voltage in
the valid CMV range for each D[0/1/2/3][P/N] pin of the common port suffice for most use cases. Figure 8-1
shows a few placement options. Note for brevity not all channels are illustrated in the block diagrams. Some
interfaces such as USB SS and PCIe recommends AC coupling capacitors on the TX signals before it goes to a
connector. Option (a) features TX AC coupling capacitors on the connector side of the TMUXHS4412. Option (b)
illustrates the capacitors on the host of the TMUXHS4412. Option (c) showcases where the TMUXHS4412 is ac
coupled on both sides. VBIAS must be within the valid CMV of the device.
www.ti.com
TMUXHS4412
SLASEW5 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUXHS4412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com