Electronic Components Datasheet Search
  English  ▼

X  

ARRAYJ Datasheet(PDF) 21 Page - ON Semiconductor

Part # ARRAYJ
Description  Silicon Photomultiplier (SiPM) High Fill-Factor Arrays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ARRAYJ Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ARRAYJ Datasheet HTML 17Page - ON Semiconductor ARRAYJ Datasheet HTML 18Page - ON Semiconductor ARRAYJ Datasheet HTML 19Page - ON Semiconductor ARRAYJ Datasheet HTML 20Page - ON Semiconductor ARRAYJ Datasheet HTML 21Page - ON Semiconductor ARRAYJ Datasheet HTML 22Page - ON Semiconductor ARRAYJ Datasheet HTML 23Page - ON Semiconductor ARRAYJ Datasheet HTML 24Page - ON Semiconductor ARRAYJ Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ArrayJ Series
www.onsemi.com
21
ARRAYJ−300XX−64P−PCB (8 X 8 Array of 3 mm Pixels)
Array Size
Sensor Type
Readout
Board Size
Pixel Pitch
No. Connections
No. Connectors
8 x 8
30035
Pixel
26.68 x 26.68 mm2
3.36 mm
160
2 x 80−way
30020
The ARRAYJ−300XX−64P is comprised of 64 individual
3mm J−Series sensors arranged in a 8 x 8 array. There are
two types: The ARRAYJ−30035−64P has pixels which are
formed of 35 um microcells, and the ARRAYJ−30020−64P
has pixels that are formed of 20 um microcells.
The performance of the individual pixels and details of the
bias to apply can be found in the J−Series datasheet.
Connections to each sensor are provided by two Hirose
80−way connectors, type DF17(2.0)−80DP−0.5v(57).
These connectors mate with the Hirose DF17(2.0)−
80DS−0.5v(57) board−to−board connectors. The 64 SiPM
sensors have all substrate connections (cathodes) connected
together to form a common I/O. The 2 x 80−way connectors
provide connections as follows:
• 64 x fast output
• 64 x standard I/O
• 32 x common I/O
• 4 x shield contacts to the Common
ARRAYJ−300XX−64P−PCB Board Drawing
The complete ARRAYJ−300XX−64P−PCB CAD is available to download.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com