Electronic Components Datasheet Search
  English  ▼

X  

TS3DV642 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV642
Description  TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3DV642 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS3DV642 Datasheet HTML 9Page - Texas Instruments TS3DV642 Datasheet HTML 10Page - Texas Instruments TS3DV642 Datasheet HTML 11Page - Texas Instruments TS3DV642 Datasheet HTML 12Page - Texas Instruments TS3DV642 Datasheet HTML 13Page - Texas Instruments TS3DV642 Datasheet HTML 14Page - Texas Instruments TS3DV642 Datasheet HTML 15Page - Texas Instruments TS3DV642 Datasheet HTML 16Page - Texas Instruments TS3DV642 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TS3DV642-Q1 is an analog differential passive mux or demux that works for many high-speed differential
interfaces with data rates up to 8.1 Gbps. The device also works for single ended signals. The TS3DV642-Q1
supports differential signaling with common mode voltage range (CMV) of 0 to 3.6 V and with differential
amplitude up to 1800 mVpp, and single ended CMOS signaling with swing limited to 0 to 5.5 V. TS3DV642-Q1
can be used as mux or demux switch for:
• HDMI 1.4 and HDMI 2.0 - up to 6 Gbps per channel
• DisplayPort (DP) for RBR, HBR, and HBR-3 data rates - up to 8.1 Gbps per lane
• Mipi DPHY interfaces such as DSI and CSI-2 - up to 4.5 Gbps per lane
• Mipi CPHY based CSI-2
• LVDS
6 Channels of the TS3DV642-Q1 are functionaly equivalent and can be used in an arbitrary fashion for
differential and single ended signals in any order. For example in Mipi DPHY applications any of the 6 differential
channels can be used for clock signals. For Mipi CPHY applications the data pins can be grouped any order to
form trio signals. For HDMI application, while TS3DV642-Q1 data signal pins are marked for specific HDMI use,
the main-link data, main-link clock, DDC, HPD, CEC can be assigned in any order if required.
9.2 Typical Application - Switching HDMI Source
The TS3DV642-Q1 can be used to switch HDMI signals. Figure 9-1 shows use case where TS3DV642-Q1
switches HDMI signals either from an external connector or from an SOC. This is a multiplexing use case. The
device can also be used as a demultiplexer where a graphics processor can be switched into one of the two
HDMI connectors. This section provides detailed design implemenation for a HDMI application where
TS3DV642-Q1 provides 2:1 multiplexing function.
www.ti.com
TS3DV642-Q1
SCDS430 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TS3DV642-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com