Electronic Components Datasheet Search
  English  ▼

X  

PD050ATF Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # PD050ATF
Description  N-Channel 650 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

PD050ATF Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  PD050ATF Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd PD050ATF Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
• Reduced trr, Qrr, and IRRM
• Low figure-of-merit (FOM) Ron x Qg
• Low input capacitance (Ciss)
• Low switching losses due to reduced Qrr
• Ultra low gate charge (Qg)
• Avalanche energy rated (UIS)
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature.
b. VDD = 50 V, starting TJ = 25 °C, L = 28.2 mH, Rg = 25 , IAS = 5.1 A.
c. 1.6 mm from case.
d. ISD  ID, dI/dt = 100 A/μs, starting TJ = 25 °C.
PRODUCT SUMMARY
VDS (V) at TJ max.
650
RDS(on) max. () at 25 °C
VGS = 10 V
0.3
Qg max. (nC)
106
Qgs (nC)
14
Qgd (nC)
33
Configuration
Single
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current (TJ = 150 °C)
VGS at 10 V
TC = 25 °C
ID
1
A
TC = 100 °C
16
Pulsed Drain Current a
IDM
53
Linear Derating Factor
1.7
W/°C
Single Pulse Avalanche Energy b
EAS
367
mJ
Maximum Power Dissipation
PD
208
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Drain-Source Voltage Slope
TJ = 125 °C
dV/dt
37
V/ns
Reverse Diode dV/dt d
31
Soldering Recommendations (Peak Temperature) c
for 10 s
300
°C
N-Channel
650 V (D-S) MOSFET
8
TO-220AB
GD S
4
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
PD050ATF
1


Similar Part No. - PD050ATF

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
PD0500U03-210 YANTEL-PD0500U03-210 Datasheet
512Kb / 5P
Power Divider/Combiner 2-Way 0째 50廓 280-610 MHz
PD0500U03-M1 YANTEL-PD0500U03-M1 Datasheet
633Kb / 4P
Power Divider/Combiner 2-Way 0째 50廓 280-610 MHz
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
TECHNICAL SPECIFICATION
PD050QX2 AZDISPLAYS-PD050QX2 Datasheet
1Mb / 39P
TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
TECHNICAL SPECIFICATION
More results

Similar Description - PD050ATF

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
UD01N65 VBSEMI-UD01N65 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
TSM13N50CIC0 VBSEMI-TSM13N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM15N50CIC0 VBSEMI-TSM15N50CIC0 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP1N60C3 VBSEMI-SPP1N60C3 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
SPP04N60C2 VBSEMI-SPP04N60C2 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SPP11N60CFD VBSEMI-SPP11N60CFD Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
TSM2NB60CPROG VBSEMI-TSM2NB60CPROG Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N60SL VBSEMI-SSD02N60SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
SSD02N65SL VBSEMI-SSD02N65SL Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com