Electronic Components Datasheet Search
  English  ▼

X  

FTK2102 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2102
Description  20V N-Channel Enhancement-Mode MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2102 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2102 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2102 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT–323
20V N-Channel Enhancement-Mode MOSFET
2014. 03. 27
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTK2102
Revision No : 0
1
3
2
FEATURE
Leading Trench Technology for Low RDS(on) Extending Battery Life
APPLICATIONS
High Side Load Switch
Charging Circuit
Single Cell Battery Applications such as
Cell Phones, Digital Cameras ,PDAs, etc
MARKING: TS2
Maximum ratings (Ta=25
unless otherwise noted)
1
2
3
Parameter
Symbol
Value
Unit
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
20
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
±8
V
I
t
n
e
r
r
u
C
n
i
a
r
D
s
u
o
u
n
i
t
n
o
C
D
1
.
2
Continuous Source-Drain Current(Diode Conduction)
S
6
.
0
A
Power Dissipation
PD
2
.
0
W
Thermal Resistance from Junction to Ambient (t≤5s)
RθJA
625
℃/W
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
J
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-55 ~+150
℃
I


Similar Part No. - FTK2102

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
FTK2100 FLUKE-FTK2100 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
First Silicon Co., Ltd
FTK2101 FS-FTK2101 Datasheet
291Kb / 4P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - FTK2102

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com