Electronic Components Datasheet Search
  English  ▼

X  

FTK2210DFN22 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2210DFN22
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2210DFN22 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2210DFN22 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 4Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 5Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 6Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 7Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 8Page - First Silicon Co., Ltd FTK2210DFN22 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-Channel Enhancement Mode MOSFET
Features
Applications
N-Channel MOSFET
•
12V/12A,
R
DS(ON) = 4.3mΩ(max.) @ VGS =4.5V
R
DS(ON) = 5.6mΩ(max.) @ VGS =2.5V
•
100% UIS + Rg Tested
• Reliable and Rugged
• Lead Free and Green Devices Available
(RoHS Compliant)
•
Battery Management Application.
•
Power Management Functions.
DFN2x2A-6_EP
(3)G
(4)S
(1,2,5,6)
DD DD
Pin Description
D G
D D
D
Pin 1
S
D
S
2018. 10. 19
1/11
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
FTK2210DFN22
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
FTK2210DFN22
2210A
3000/Tape&Reel


Similar Part No. - FTK2210DFN22

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2215PP FS-FTK2215PP Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2217DFN22 FS-FTK2217DFN22 Datasheet
409Kb / 5P
20V P-Channel MOSFET
FTK2219PP FS-FTK2219PP Datasheet
964Kb / 4P
20V Dual P Channel MOSFETs
More results

Similar Description - FTK2210DFN22

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com