Electronic Components Datasheet Search
  English  ▼

X  

XCSB702EX Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSB702EX
Description  metal key operated switch XCSA - 2NC NO slow break - ATEX/IECEx
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSB702EX Datasheet(HTML) 1 Page - Schneider Electric

  XCSB702EX Datasheet HTML 1Page - Schneider Electric XCSB702EX Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jan 7, 2021
1
Product data sheet
Characteristics
XCSB702EX
metal key operated switch XCSA - 2NC + NO
slow break - ATEX/IECEx
Main
Range of product
Preventa ATEX D
Product or component
type
Safety switch
Device short name
XCSB
Material
Metal
Head type
Key operated turret head
Cable entry number
1 tapped entry for M20 x 1.5 cable gland (included)
7…13 mm
Electrical connection
Terminal
Clamping connection
capacity
1 x 0.5...2 x 1.5 mm² with or without cable end
Number of poles
3
Contacts type and
composition
2 NC + 1 NO
Contact operation
Slow-break, break before make
Positive opening
With NC contact
Locking options
description
With locking of actuator, unlocking by push-button
Complementary
Local signalling
Without
Mechanical durability
600000 cycles
Minimum actuation speed
0.01 m/s
Maximum actuation speed
0.5 m/s
Contact code designation
A300, AC-15 (Ue = 120 V, Ie = 6 A) conforming to EN/IEC 60947-5-1
A300, AC-15 (Ue = 240 V, Ie = 3 A) conforming to EN/IEC 60947-5-1
Q300, DC-13 (Ue = 125 V, Ie = 0.55 A) conforming to EN/IEC 60947-5-1
Q300, DC-13 (Ue = 250 V, Ie = 0.27 A) conforming to EN/IEC 60947-5-1
[Ithe] conventional enclosed thermal current
10 A
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V conforming to EN/IEC 60947-1
300 V conforming to CSA C22.2 No 14
[Uimp] rated impulse withstand voltage
EN/IEC 60947-5-1 6 kV
Short-circuit protection
10 A cartridge fuse type gG (gl)
Actuator forcible withdrawal rtc
1500 N
Minimum actuator force for extraction
20 N
Maximum operating rate
10 cyc/mn for maximum durability
Body material
Zamak
Head material
Zamak
CAD overall width
52 mm
CAD overall height
114 mm
CAD overall depth
44 mm
Net weight
0.475 kg


Similar Part No. - XCSB702EX

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSB701 SCHNEIDER-XCSB701 Datasheet
107Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped Pg 13
Jan 29, 2021
XCSB703 SCHNEIDER-XCSB703 Datasheet
107Kb / 2P
metal safety switch XCSB - 2 NC 1 NO - slow break - 1 entry tapped 1/2" NPT
Jan 29, 2021
More results

Similar Description - XCSB702EX

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSA502EX SCHNEIDER-XCSA502EX Datasheet
102Kb / 2P
metal key operated switch XCSA - NC 2NO slow break - ATEX/IECEx
Jan 7, 2021
XCSA702EX SCHNEIDER-XCSA702EX Datasheet
102Kb / 2P
metal key operated switch XCSA - 2NC NO slow break - ATEX/IECEx
Jan 7, 2021
XCSB502EX SCHNEIDER-XCSB502EX Datasheet
105Kb / 2P
metal key operated switch XCSA - NC 2NO slow break - ATEX/IECEx
Jan 7, 2021
XCSC502EX SCHNEIDER-XCSC502EX Datasheet
108Kb / 2P
metal key operated switch XCSA - NC 2NO slow break - ATEX/IECEx
Jan 7, 2021
XCSC702EX SCHNEIDER-XCSC702EX Datasheet
108Kb / 2P
metal key operated switch XCSA - 2NC NO slow break - ATEX/IECEx
Jan 7, 2021
XCKD39H0P16EX SCHNEIDER-XCKD39H0P16EX Datasheet
135Kb / 6P
limit switch XCKD - plunger - 2NC NO - ATEX/IECEx
Jan 18, 2021
XCKD3902P16EX SCHNEIDER-XCKD3902P16EX Datasheet
138Kb / 6P
limit switch XCKD - roller plunger - 2NC NO - ATEX/IECEx
Jan 18, 2021
XCKD3910P16EX SCHNEIDER-XCKD3910P16EX Datasheet
133Kb / 6P
limit switch XCKD - plunger - 2NC NO - ATEX/IECEx
Jan 18, 2021
XCKJ3961H29EX SCHNEIDER-XCKJ3961H29EX Datasheet
130Kb / 6P
limit switch XCKJ - plunger - 2NC NO - ATEX/IECEx
Jan 18, 2021
XCKM3910H29EX SCHNEIDER-XCKM3910H29EX Datasheet
140Kb / 6P
limit switch XCKM - plunger - 2NC NO - ATEX/IECEx
Jan 18, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com