Electronic Components Datasheet Search
  English  ▼

X  

MSE28MSN2 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSE28MSN2
Description  Siren Sweep 2.1 - 5.9 kHz 3.5 Sweeps per Sec.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSE28MSN2 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSE28MSN2 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Medium
20 to 28 VDC
Specifications:
MSE28MSN2
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Siren Sweep 2.1 - 5.9 kHz @ 3.5 Sweeps per Sec.
50mA MAX
-40° to +65° C
-40° to +80° C
Valox (UL94V-0), Color: Black
Options
Storage Temperature
Housing Material
2100-5900 Hz Typical
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
ROHS Compliant
4.0g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
75 to 85 dB(A) Typ.


Similar Part No. - MSE28MSN2

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28MSN2S MSPI-MSE28MSN2S Datasheet
48Kb / 1P
Multi-tone Grounded input
More results

Similar Description - MSE28MSN2

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
2.1 - 3.5 GHz 15 dBm Amplifier
logo
Mallory Sonalert Produc...
ZT016LDSR8R MSPI-ZT016LDSR8R Datasheet
132Kb / 1P
Siren Sweep 3.3 - 4 kHz @ 5 Sweeps per Sec
ZT016LDSR9R MSPI-ZT016LDSR9R Datasheet
132Kb / 1P
Siren Sweep 3.15 - 4 kHz @ 2 Sweeps per Sec.
MSE14LSN3 MSPI-MSE14LSN3 Datasheet
43Kb / 1P
Siren Sweep 2.1 - 5.9 kHz 7 Sweeps per Sec.
MSE14LWH1 MSPI-MSE14LWH1 Datasheet
43Kb / 1P
Whooping Sweep 2.1 - 5.8 kHz 5 Sweeps per Sec.
MSE28LSN2 MSPI-MSE28LSN2 Datasheet
43Kb / 1P
Siren Sweep 2.1 - 5.9 kHz 3.5 Sweeps per Sec
MSE28LSN3 MSPI-MSE28LSN3 Datasheet
43Kb / 1P
Siren Sweep 2.1 - 5.9 kHz 7 Sweeps per Sec
MSE28LWH2 MSPI-MSE28LWH2 Datasheet
43Kb / 1P
Whooping Sweep 2.1 - 5.8 kHz 1 Sweeps per Sec
MSE28MSN3 MSPI-MSE28MSN3 Datasheet
43Kb / 1P
Siren Sweep 2.1 - 5.9 kHz 7 Sweeps per Sec
MSE28MWH1 MSPI-MSE28MWH1 Datasheet
43Kb / 1P
Whooping Sweep 2.1 - 5.8 kHz 5 Sweeps per Sec
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com