Electronic Components Datasheet Search
  English  ▼

X  

IPT60R075CFD7 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPT60R075CFD7
Description  600V CoolMOS짧 CFD7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT60R075CFD7 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPT60R075CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 9Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 10Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 11Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 12Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 13Page - Infineon Technologies AG IPT60R075CFD7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOSªCFD7PowerTransistor
IPT60R075CFD7
Rev.2.3,2020-11-11
Final Data Sheet
6PackageOutlines
Z8B00176939
REVISION
ISSUE DATE
EUROPEAN PROJECTION
01
28-04-2015
DOCUMENT NO.
E5
E4
K1
e
MILLIMETERS
A
DIM
MIN
MAX
INCHES
MIN
MAX
b1
c
D
D2
E
E1
N
L
2.20
2.40
0.087
0.094
9.70
0.40
10.28
9.70
9.90
0.60
10.58
10.10
0.382
0.016
0.405
0.382
0.390
0.024
0.416
0.398
8
8
1.20 (BSC)
0.047 (BSC)
b
0.70
0.90
0.028
0.035
1) partially covered with Mold Flash
b2
0.42
0.50
0.017
0.020
H
H1
11.48
11.88
0.452
0.468
H2
7.15
0.281
H3
3.59
0.141
H4
3.26
0.128
L1
0.50
0.90
0.020
0.035
3.30
0.130
7.50
0.295
8.50
0.335
9.46
0.372
6.55
6.75
0.258
0.266
4.18
0.165
L4
1.00
1.30
0.039
0.051
L2
0.50
0.70
0.020
0.028
2
SCALE
0
4mm
0
2
L5
2.62
2.81
0.103
0.111
1.40
1.80
0.055
0.071
Figure1OutlinePG-HSOF-8,dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com