Electronic Components Datasheet Search
  English  ▼

X  

RA4M1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 6Page - Renesas Technology Corp RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp RA4M1 Datasheet HTML 12Page - Renesas Technology Corp RA4M1 Datasheet HTML 13Page - Renesas Technology Corp RA4M1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 10 of 130
Oct 8, 2019
RA4M1 Group
1. Overview
1.3
Part Numbering
Figure 1.2 shows the product part number information, including memory capacity, and package type. Table 1.12 shows
a product list.
Figure 1.2
Part numbering scheme
Table 1.12
Product list
Product part number
Orderable part number
Package code
Code flash
Data flash
SRAM
Operating
temperature
R7FA4M1AB3CFP
R7FA4M1AB3CFP#AA0
PLQP0100KB-B
256 KB
8 KB
32 KB
-40 to +105°C
R7FA4M1AB2CLJ
R7FA4M1AB2CLJ#AC0
PTLG0100JA-A
-40 to +85°C
R7FA4M1AB3CFM
R7FA4M1AB3CFM#AA0
PLQP0064KB-C
-40 to +105°C
R7FA4M1AB3CNB
R7FA4M1AB3CNB#AC0
PWQN0064LA-A
-40 to +105°C
R7FA4M1AB3CFL
R7FA4M1AB3CFL#AA0
PLQP0048KB-B
-40 to +105°C
R7FA4M1AB3CNE
R7FA4M1AB3CNE#AC0
PWQN0048KB-A
-40 to +105°C
R7FA4M1AB3CNF
R7FA4M1AB3CNF#AC0
PWQN0040KC-A
-40 to +105°C
# A A 0
R 7 F A 4 M 1 A B 3 C F P
Package type
FP: LQFP 100 pins
FM: LQFP 64 pins
FL: LQFP 48 pins
LJ: LGA 100 pins
NB: QFN 64 pins
NE: QFN 48 pins
NF: QFN 40 pins
Quality Grade
Operating temperature
2: -40°C to 85°C
3: -40°C to 105°C
Code flash memory size
B: 256 KB
Feature set
Group number
Series name
RA family
Flash memory
Renesas microcontroller
Packaging, Terminal material (Pb-free)
#AA: Tray/Sn (Tin) only
#AC: Tray/others
Production identification code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com