Electronic Components Datasheet Search
  English  ▼

X  

PHT6N06LT Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # PHT6N06LT
Description  N-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

PHT6N06LT Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  PHT6N06LT Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N-Channel
0-V (D-S) MOSFET
FEATURES
•
Halogen-free
• TrenchFET® Power MOSFET
APPLICATIONS
•
Load Switches for Portable Devices
Notes:
a. Package limited, TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 95 °C/W.
e. See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result
of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure
adequate bottom side solder interconnection.
f. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
60
0.0
76 at VGS = 10 V
1 nC
0.0
8 at VGS =
V
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
0
V
Gate-Source Voltage
VGS
±
20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
A
TC = 70 °C
a
TA = 25 °C
.
7
TA = 70 °C
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
.2
TA = 25 °C
.1b, c
Maximum Power Dissipation
TC = 25 °C
PD
4.0
W
TC = 70 °C
3.0
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c, d
t
≤ 5 s
RthJA
40
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
15
20
RoHS
COMPLIANT
3
6
N-Channel MOSFET
G
D
S
SOT-223-3
G
D
S
D
4.5
0
4
.5
.5
5
3.2
2
2
.3
3
2
6
4.5
PHT6N06LT
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - PHT6N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHT6N06LT PHILIPS-PHT6N06LT Datasheet
67Kb / 9P
TrenchMOS transistor Logic level FET
January 1998 Rev 1.100
logo
Nexperia B.V. All right...
PHT6N06LT NEXPERIA-PHT6N06LT Datasheet
173Kb / 10P
TrenchMOSÔ transistor Logic level FET
January 1998
More results

Similar Description - PHT6N06LT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com