Electronic Components Datasheet Search
  English  ▼

X  

66R Datasheet(PDF) 1 Page - 3M Electronics

Part # 66R
Description  Scotch® Vinyl Electrical Tape 66R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

66R Datasheet(HTML) 1 Page - 3M Electronics

  66R Datasheet HTML 1Page - 3M Electronics 66R Datasheet HTML 2Page - 3M Electronics 66R Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
3
Scotch
® Vinyl Electrical Tape 66R
Data Sheet
December 2011
Description
Scotch
® Vinyl Electrical Tape 66R is a conformable 10 mil (0,254 mm) thick
vinyl tape. It is designed to perform in a continuous temperature
environment up to 220ºF (105ºC). It has excellent resistance to abrasion,
moisture, alkalis, acid and varying weather conditions. Scotch
® Vinyl
Electrical Tape 66R, with its combination of elastic Polyvinyl Chloride (PVC)
backing and pressure sensitive, rubber based adhesive, provides moisture
tight electrical and mechanical protection. Memory action of tape allows it to
hold tight and provide pressure to underlying substrate without slipping or
flagging. It is compatible with solid dielectric cable insulation. 66R tape is an
Underwriters Laboratories recognized “Insulating Tape.”
Agency Approvals &
Self Certifications
 UL Recognized 510 Standard “Insulating Tape” (product category
OANZ2), File E17385
 Meets UL flame retardant requirements and 220ºF (105ºC) temperature
rating
RoHS compliant 2002/95/EC
RoHS Compliant 2002/95/EC” means that the product or part (“Product”) does not contain any of the
substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by
Commission Decision 2002/618/EC, unless the substance is in an application that is exempt under
RoHS. This information represents 3M’s knowledge and belief, which may be based in whole or in part
on information provided by third party suppliers to 3M.
Applications
 Primary electrical insulation for 600-volt bus bar applications
 Protective jacketing for low and high voltage bus bar
 Primary electrical insulation for cable and wire splices rated up to 600
volts
 Protective jacketing for high voltage cable splices and repairs
 Usable for both indoor and outdoor applications


Similar Part No. - 66R

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
66R1 HOFFMANPRODUCTS-66R1 Datasheet
4Mb / 38P
Non-Insulated Ring Terminals
More results

Similar Description - 66R

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TAPE35 3M-TAPE35 Datasheet
50Kb / 2P
Vinyl Electrical Tape 35
Jul-2011
1400 3M-1400 Datasheet
37Kb / 2P
Economy Vinyl Electrical Tape 1400
Feb-2010
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
SUPER33 3M-SUPER33 Datasheet
32Kb / 3P
Vinyl Electrical Tape
Rev D
TAPE22 3M-TAPE22 Datasheet
30Kb / 4P
Heavy Duty Vinyl Electrical Tape 22
Rev D
TAPE35 3M-TAPE35_17 Datasheet
45Kb / 2P
Vinyl Electrical Tape 35
Rev F
TAPE88 3M-TAPE88 Datasheet
53Kb / 3P
Vinyl Electrical Tape Super 88
Jul-2011
TEMFLEX1300 3M-TEMFLEX1300 Datasheet
88Kb / 2P
Vinyl Electrical Tape
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
165 3M-165 Datasheet
127Kb / 2P
Vinyl Electrical Tape 165
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com